Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2181CS08-U Datasheet(PDF) 2 Page - THAT Corporation All rights reserved.

Part # 2181CS08-U
Description  Blackmer® Trimmable IC Voltage Controlled Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THAT [THAT Corporation All rights reserved.]
Direct Link  https://thatcorp.com/
Logo THAT - THAT Corporation All rights reserved.

2181CS08-U Datasheet(HTML) 2 Page - THAT Corporation All rights reserved.

  2181CS08-U Datasheet HTML 1Page - THAT Corporation All rights reserved. 2181CS08-U Datasheet HTML 2Page - THAT Corporation All rights reserved. 2181CS08-U Datasheet HTML 3Page - THAT Corporation All rights reserved. 2181CS08-U Datasheet HTML 4Page - THAT Corporation All rights reserved. 2181CS08-U Datasheet HTML 5Page - THAT Corporation All rights reserved. 2181CS08-U Datasheet HTML 6Page - THAT Corporation All rights reserved. 2181CS08-U Datasheet HTML 7Page - THAT Corporation All rights reserved. 2181CS08-U Datasheet HTML 8Page - THAT Corporation All rights reserved. 2181CS08-U Datasheet HTML 9Page - THAT Corporation All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Document 600030 Rev 03
Page 2 of 12
THAT 2181 Series
Blackmer® Trimmable IC VCAs
THAT Corporation; 45 Sumner Street; Milford, Massachusetts 01757-1656; USA
Tel: +1 508 478 9200; Fax: +1 508 478 0990; Web: www.thatcorp.com
Copyright © 2016, THAT Corporation
Positive Supply Voltage (VCC)
+20 V
Negative SupplyVoltage (VEE)
-20 V
Supply Current (ICC)
10 mA
Maximum ∆EC
EC+ - (EC-)
± 1 V
Power Dissipation (PD) (TA = 75 ºC)
330 mW
Operating Temperature Range (TOP)
0 to +70 ºC
Storage Temperature Range (TST)
-40 to +125 ºC
Absolute Maximum Ratings
2,3
SPECIFICATIONS
1
2181A
2181B
2181C
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
Supply Current
ICC
No signal
—
2.4
4
—
2.4
4
—
2.4
4
mA
Equiv. Input Bias Current
IB
No Signal
—
2
10
—
2
12
—
2
15
nA
Input Offset Voltage
VOFF(IN)
No Signal
—
±5
—
—
±5
—
—
±5
—
mV
Output Offset Voltage
VOFF(OUT)
Rout = 20 kΩ
0 dB gain
—
0.5
1
—
1
2
—
1.5
3
mV
+15 dB gain
—
1
3
—
1.5
4
—
3
10
mV
+30 dB gain
—
3
12
—
5
15
—
9
30
mV
Gain Cell Idling Current
IIDLE
—
20
—
—
20
—
—
20
—
µA
Gain-Control Constant
TA =25°C (TCHIP≅35°C)
-60 dB < gain < +40 dB
EC+ /Gain (dB)
Pin 2 (Fig. 15)
6.0
6.1
6.2
6.0
6.1
6.2
6.0
6.1
6.2
mV/dB
EC- /Gain (dB)
Pin 3
-6.2
-6.1
-6.0
-6.2
-6.1
-6.0
-6.2
-6.1
-6.0 mV/dB
Gain-Control TempCo
∆
EC /∆TCHIP Ref TCHIP = 27°C
—
+0.33
—
—
+0.33
—
—
+0.33
—
%/°C
Gain-Control Linearity
-60 to +40 dB gain
—
0.5
2
—
0.5
2
—
0.5
2
%
1 kHz Off Isolation
EC+= -360mV,EC-=+360mV
110
115
—
110
115
—
110
115
—
dB
Output Noise
en(OUT)
20 Hz ~ 20 kHz
Rout = 20kΩ
0 dB gain
—
-98
-97
—
-98
-96
—
-98
-95
dBV
+15 dB gain
—
-88
-86
—
-88
-85
—
-88
-84
dBV
Voltage at V-
VV-
No Signal
-3.1 -2.85
-2.6
-3.1 -2.85
-2.6
-3.2 -2.85
-2.6
V
Electrical Characteristics
2
1. All specifications are subject to change without notic e.
2. Unless otherwise noted, T A=25ºC, VCC=+15V, VEE= -15V. Test circuit as shown in Figure 2. SYM ADJ is adjusted for minimum THD at 1 V, 1 kHz, Ec- = -Ec+ = 0 V.
3. Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings
only; the functional operation of
the device at these or any other conditions above those indicated in the operational sections of this specification is not impli ed. Exposure to absolute maximum rating condi -
tions for extended periods may affect device reliability.
2181A
2181B
2181C
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
Positive Supply Voltage
VCC
+4
+15
+18
+4
+15
+18
+4
+15
+18
V
Negative Supply Voltage
VEE
-4
-15
-18
-4
-15
-18
-4
-15
-18
V
Bias Current
ISET
VCC - VEE = 30 V
1
2.4
3.5
1
2.4
3.5
1
2.4
3.5
mA
Signal Current
IIN + IOUT
ISET = 2.4 mA
—
0.35
2.5
—
0.35
2.5
—
0.35
2.5
mA
Recommended Operating Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com