Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2181CS08-U Datasheet(PDF) 3 Page - THAT Corporation All rights reserved.

Part # 2181CS08-U
Description  Blackmer® Trimmable IC Voltage Controlled Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THAT [THAT Corporation All rights reserved.]
Direct Link  https://thatcorp.com/
Logo THAT - THAT Corporation All rights reserved.

2181CS08-U Datasheet(HTML) 3 Page - THAT Corporation All rights reserved.

  2181CS08-U Datasheet HTML 1Page - THAT Corporation All rights reserved. 2181CS08-U Datasheet HTML 2Page - THAT Corporation All rights reserved. 2181CS08-U Datasheet HTML 3Page - THAT Corporation All rights reserved. 2181CS08-U Datasheet HTML 4Page - THAT Corporation All rights reserved. 2181CS08-U Datasheet HTML 5Page - THAT Corporation All rights reserved. 2181CS08-U Datasheet HTML 6Page - THAT Corporation All rights reserved. 2181CS08-U Datasheet HTML 7Page - THAT Corporation All rights reserved. 2181CS08-U Datasheet HTML 8Page - THAT Corporation All rights reserved. 2181CS08-U Datasheet HTML 9Page - THAT Corporation All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
THAT 2181 Series
Page 3 of 12
Document 600030 Rev 03
Blackmer® Trimmable IC VCAs
THAT Corporation; 45 Sumner Street; Milford, Massachusetts 01757-1656; USA
Tel: +1 508 478 9200; Fax: +1 508 478 0990; Web: www.thatcorp.com
Copyright © 2016, THAT Corporation
2181A
2181B
2181C
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
Total Harmonic Distortion THD
1 kHz
VIN = 0 dBV, 0 dB gain
— 0.0025 0.005
—
0.004 0.008
—
0.005
0.02
%
VIN = +10 dBV, -15 dB gain
—
0.018 0.025
—
0.025 0.035
—
0.035
0.07
%
VIN = -5 dBV, +15 dB gain
—
0.018 0.025
—
0.025 0.035
—
0.035
0.07
%
VIN = +10 dBV, 0 dB gain
—
0.004 0.008
—
0.006 0.010
—
0.015
—
%
Slew Rate
RIN = ROUT = 20 kΩ
—
12
—
—
12
—
—
12
—
V/µs
Symmetry Control Voltage VSYM AV = 0dB, Minimum THD
-0.5
—
+0.5
-1.5
—
+1.5
-2.5
—
+2.5
mV
Gain at 0 V Control Voltage
EC- = 0 mV
-0.1
0.0
+0.1
-0.15 0.0
+0.15
-0.2
0.0
+0.2
dB
Electrical Characteristics (con’t)
2
Vcc
Ec-
IN
10u
20k
5.1k
Vee
OUT
22p
20k
OUT
Vcc
Vee
50k SYM
ADJ
Rsym
OP275
7
3
8
4
2
6
5
1
V+
-IN
Ec-
Ec+
SYM
GND
V-
2181
Series
VCA
Power Supplies
Vcc = +15 V
Vee = -15 V
-
+
680k (2181A)
220k (2181B)
130k (2181C)
Figure 2. Typical ApplicationCircuit
Figure 3. 2181 Series Frequency Response vs. Gain
Figure 4. 2181 Series Noise (20kHzNBW) vs. Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com