Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAX22290BASA/V+ Datasheet(PDF) 2 Page - Analog Devices

Part # MAX22290BASA/V+
Description  Reinforced, Fast, Low-Power, Two-Channel Digital Isolators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX22290BASA/V+ Datasheet(HTML) 2 Page - Analog Devices

  MAX22290BASA/V+ Datasheet HTML 1Page - Analog Devices MAX22290BASA/V+ Datasheet HTML 2Page - Analog Devices MAX22290BASA/V+ Datasheet HTML 3Page - Analog Devices MAX22290BASA/V+ Datasheet HTML 4Page - Analog Devices MAX22290BASA/V+ Datasheet HTML 5Page - Analog Devices MAX22290BASA/V+ Datasheet HTML 6Page - Analog Devices MAX22290BASA/V+ Datasheet HTML 7Page - Analog Devices MAX22290BASA/V+ Datasheet HTML 8Page - Analog Devices MAX22290BASA/V+ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
www.maximintegrated.com
Proprietary and Confidential. Preliminary Information -
subject to change without notice.
Maxim Integrated | 2
Absolute Maximum Ratings
VDDA to GNDA.....................................................-0.3V to +6V
VDDB to GNDB.....................................................-0.3V to +6V
IN_ on Side A to GNDA ........................................-0.3V to +6V
IN_ on Side B to GNDB ........................................-0.3V to +6V
OUT_ on Side A to GNDA ................... -0.3V to (VDDA + 0.3V)
OUT_ on Side B to GNDB ................... -0.3V to (VDDB + 0.3V)
Short-Circuit Continuous Current
__OUT_ on Side A to GNDA ........................................ ±30mA
__OUT_ on Side B to GNDB.........................................±30mA
Continuous Power Dissipation (TA = +70°C)
__Narrow SOIC (derate 5.79mW/°C above +70°C) 462.96mW
Temperature Ratings
__Operating Temperature Range .................. -40°C to +125°C
__Maximum Junction Temperature.............................. +150°C
__Storage Temperature Range ..................... -60°C to +150°C
__Lead Temperature (soldering, 10s) .......................... +300°C
__Soldering Temperature (reflow)................................ +260°C
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or
any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Package Information
8 NARROW SOIC
Package Code
S8MS+24
Outline Number
21-0041
Land Pattern Number
90-0096
THERMAL RESISTANCE, FOUR-LAYER BOARD
Junction-to-Ambient (θJA)
172.8°C/W
Junction-to-Case Thermal Resistance (θJC)
67.6°C/W
Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer board.
For detailed information on package thermal considerations, refer to www.maximintegrated.com/thermal-tutorial.
For the latest package outline information and land patterns (footprints), go to www.maximintegrated.com/packages. Note that a “+”,
“#”, or “-” in the package code indicates RoHS status only. Package drawings may show a different suffix character, but the drawing
pertains to the package regardless of RoHS status.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com