Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAX22290BASA/V+ Datasheet(PDF) 21 Page - Analog Devices

Part # MAX22290BASA/V+
Description  Reinforced, Fast, Low-Power, Two-Channel Digital Isolators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX22290BASA/V+ Datasheet(HTML) 21 Page - Analog Devices

Back Button MAX22290BASA/V+ Datasheet HTML 14Page - Analog Devices MAX22290BASA/V+ Datasheet HTML 15Page - Analog Devices MAX22290BASA/V+ Datasheet HTML 16Page - Analog Devices MAX22290BASA/V+ Datasheet HTML 17Page - Analog Devices MAX22290BASA/V+ Datasheet HTML 18Page - Analog Devices MAX22290BASA/V+ Datasheet HTML 19Page - Analog Devices MAX22290BASA/V+ Datasheet HTML 20Page - Analog Devices MAX22290BASA/V+ Datasheet HTML 21Page - Analog Devices MAX22290BASA/V+ Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
www.maximintegrated.com
Proprietary and Confidential. Preliminary Information -
subject to change without notice.
Maxim Integrated | 21
PART
NUMBER
CHANNEL
CONFIGURATION
DATA RATE
(Mbps)
DEFAULT
OUTPUT
ISOLATION
VOLTAGE
(kVRMS)
TEMPERATURE
RANGE
PIN-PACKAGE
GENERAL PURPOSE DEVICES
MAX22290BASA+*
2/0
25
High
3
-40°C to +125°C
8 Narrow SOIC
MAX22290CASA+
2/0
200
High
3
-40°C to +125°C
8 Narrow SOIC
MAX22290EASA+*
2/0
25
Low
3
-40°C to +125°C
8 Narrow SOIC
MAX22290FASA+*
2/0
200
Low
3
-40°C to +125°C
8 Narrow SOIC
MAX22291BASA+*
1/1
25
High
3
-40°C to +125°C
8 Narrow SOIC
MAX22291CASA+*
1/1
200
High
3
-40°C to +125°C
8 Narrow SOIC
MAX22291EASA+*
1/1
25
Low
3
-40°C to +125°C
8 Narrow SOIC
MAX22291FASA+*
1/1
200
Low
3
-40°C to +125°C
8 Narrow SOIC
AUTOMOTIVE DEVICES
MAX22290BASA/V+*
2/0
25
High
3
-40°C to +125°C
8 Narrow SOIC
MAX22290CASA/V+*
2/0
200
High
3
-40°C to +125°C
8 Narrow SOIC
MAX22290EASA/V+*
2/0
25
Low
3
-40°C to +125°C
8 Narrow SOIC
MAX22290FASA/V+*
2/0
200
Low
3
-40°C to +125°C
8 Narrow SOIC
MAX22291BASA/V+*
1/1
25
High
3
-40°C to +125°C
8 Narrow SOIC
MAX22291CASA/V+
1/1
200
High
3
-40°C to +125°C
8 Narrow SOIC
MAX22291EASA/V+
1/1
25
Low
3
-40°C to +125°C
8 Narrow SOIC
MAX22291FASA/V+*
1/1
200
Low
3
-40°C to +125°C
8 Narrow SOIC
*Future product—contact Analog Devices for availability.
+Denotes a lead(Pb)-free/RoHS-compliant package.
/V Denotes an automotive qualified part.
Chip Information
PROCESS: BiCMOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com