Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAX22290FASA/V+ Datasheet(PDF) 6 Page - Analog Devices

Part # MAX22290FASA/V+
Description  Reinforced, Fast, Low-Power, Two-Channel Digital Isolators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX22290FASA/V+ Datasheet(HTML) 6 Page - Analog Devices

Back Button MAX22290FASA/V+ Datasheet HTML 2Page - Analog Devices MAX22290FASA/V+ Datasheet HTML 3Page - Analog Devices MAX22290FASA/V+ Datasheet HTML 4Page - Analog Devices MAX22290FASA/V+ Datasheet HTML 5Page - Analog Devices MAX22290FASA/V+ Datasheet HTML 6Page - Analog Devices MAX22290FASA/V+ Datasheet HTML 7Page - Analog Devices MAX22290FASA/V+ Datasheet HTML 8Page - Analog Devices MAX22290FASA/V+ Datasheet HTML 9Page - Analog Devices MAX22290FASA/V+ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
www.maximintegrated.com
Proprietary and Confidential. Preliminary Information -
subject to change without notice.
Maxim Integrated | 6
Dynamic Characteristics MAX2229_B/E
(VDDA - VGNDA = 1.71V to 5.5V, VDDB - VGNDB = 1.71V to 5.5V, CL = 15pF, TA = -40°C to +125°C, unless otherwise noted. Typical
values are at VDDA - VGNDA = 3.3V, VDDB - VGNDB = 3.3V, VGNDA = VGNDB, TA = +25°C, unless otherwise noted.) (Notes 2, 4)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Common-Mode
Transient Immunity
CMTI
IN_ = GND_ or VDD_ (Note 5)
50
kV/µs
Maximum Data Rate
DRMAX
25
Mbps
Minimum Pulse Width
PWMIN
40
ns
Glitch Rejection
10
17
29
ns
Propagation Delay
(Figure 1)
tPLH
IN_ to OUT_,
CL = 15pF
4.5V ≤ VDD_ ≤ 5.5V
16.7
22.6
30.7
ns
3.0V ≤ VDD_ ≤ 3.6V
17.0
23.4
32.2
2.25V ≤ VDD_ ≤
2.75V
17.7
24.8
35.3
1.71V ≤ VDD_ ≤
1.89V
19.6
28.8
42.8
tPHL
IN_ to OUT_,
CL = 15pF
4.5V ≤ VDD_ ≤ 5.5V
16.4
22.7
32.1
3.0V ≤ VDD_ ≤ 3.6V
16.8
23.5
33.8
2.25V ≤ VDD_ ≤
2.75V
17.3
24.8
36.7
1.71V ≤ VDD_ ≤
1.89V
19.0
28.4
43.7
Pulse Width Distortion
PWD
|tPLH - tPHL|
4.5V ≤ VDD_ ≤ 5.5V
0.1
4
ns
3.0V ≤ VDD_ ≤ 3.6V
0.1
4
2.25V ≤ VDD_ ≤
2.75V
0.0
4
1.71V ≤ VDD_ ≤
1.89V
0.4
4
Propagation Delay
Skew Part-to-Part
(Same Channel)
tSPLH
4.5V ≤ VDD_ ≤ 5.5V
14.0
ns
3.0V ≤ VDD_ ≤ 3.6V
13.8
2.25V ≤ VDD_ ≤ 2.75V
15.2
1.71V ≤ VDD_ ≤ 1.89V
21.9
tSPHL
4.5V ≤ VDD_ ≤ 5.5V
13.0
3.0V ≤ VDD_ ≤ 3.6V
13.5
2.25V ≤ VDD_ ≤ 2.75V
15.4
1.71V ≤ VDD_ ≤ 1.89V
21.4
Propagation Delay
Skew Channel-to-
Channel (Same
Direction) (Figure 1)
tSCSLH
1.71V ≤ VDD_ ≤ 5.5V
4
ns
tSCSHL
1.71V ≤ VDD_ ≤ 5.5V
4
Propagation Delay
Skew Channel-to-
Channel (Opposite
Direction)
tSCOLH
1.71V ≤ VDD_ ≤ 5.5V
4
ns
tSCOHL
1.71V ≤ VDD_ ≤ 5.5V
4
Peak Eye Diagram Jitter
tJIT(PK)
25Mbps
250
ps
Rise Time (Figure 1)
tR
CL = 5pF
4.5V ≤ VDD_ ≤ 5.5V
0.8
ns
3.0V ≤ VDD_ ≤ 3.6V
1.1
2.25V ≤ VDD_ ≤
2.75V
1.5
1.71V ≤ VDD_ ≤
1.89V
2.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com