Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAX22290FASA/V+ Datasheet(PDF) 9 Page - Analog Devices

Part # MAX22290FASA/V+
Description  Reinforced, Fast, Low-Power, Two-Channel Digital Isolators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX22290FASA/V+ Datasheet(HTML) 9 Page - Analog Devices

Back Button MAX22290FASA/V+ Datasheet HTML 5Page - Analog Devices MAX22290FASA/V+ Datasheet HTML 6Page - Analog Devices MAX22290FASA/V+ Datasheet HTML 7Page - Analog Devices MAX22290FASA/V+ Datasheet HTML 8Page - Analog Devices MAX22290FASA/V+ Datasheet HTML 9Page - Analog Devices MAX22290FASA/V+ Datasheet HTML 10Page - Analog Devices MAX22290FASA/V+ Datasheet HTML 11Page - Analog Devices MAX22290FASA/V+ Datasheet HTML 12Page - Analog Devices MAX22290FASA/V+ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
www.maximintegrated.com
Proprietary and Confidential. Preliminary Information -
subject to change without notice.
Maxim Integrated | 9
Safety Regulatory Approvals
UL
The MAX22290/MAX22291 are certified under UL1577. For more details, refer to File E351759.
Rated up to 3000VRMS isolation voltage for single protection.
cUL (Equivalent to CSA notice 5A)
The MAX22290/MAX22291 are certified up to 3000VRMS for single protection. For more details, refer to File E351759.
VDE (Pending)
The MAX22290/MAX22291 are certified to DIN VDE V 0884-11: 2017-1. Reinforced Insulation, Maximum Transient Isolation
Voltage 4242VPK, Maximum Repetitive Peak Isolation Voltage 630VPK.
These couplers are suitable for “safe electrical insulation” only within the safety ratings. Compliance with the safety ratings shall be
ensured by means of suitable protective circuits.
Typical Operating Characteristics
(VDDA - VGNDA = +3.3V, VDDB - VGNDB = +3.3V, VGNDA = VGNDB, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com