Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

JS-308 Datasheet(PDF) 3 Page - Honeywell Solid State Electronics Center

Part # JS-308
Description  MICRO SWITCH™ HM Series
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

JS-308 Datasheet(HTML) 3 Page - Honeywell Solid State Electronics Center

  JS-308 Datasheet HTML 1Page - Honeywell Solid State Electronics Center JS-308 Datasheet HTML 2Page - Honeywell Solid State Electronics Center JS-308 Datasheet HTML 3Page - Honeywell Solid State Electronics Center JS-308 Datasheet HTML 4Page - Honeywell Solid State Electronics Center JS-308 Datasheet HTML 5Page - Honeywell Solid State Electronics Center JS-308 Datasheet HTML 6Page - Honeywell Solid State Electronics Center JS-308 Datasheet HTML 7Page - Honeywell Solid State Electronics Center JS-308 Datasheet HTML 8Page - Honeywell Solid State Electronics Center JS-308 Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
sensing.honeywell.com
Features
and Benefits
Features
and Benefits
MIL-QUALIFIED
MICRO SWITCH™ HM switches are
hermetically sealed with versions that are
MIL-PRF-8805 qualified for demanding military or commercial applications on
aircraft, spacecraft, or ground vehicles.
UL CERTIFIED
Select HM catalog listings are
UL 508 certified for industrial and surface
transportation applications.
TINY
Miniature package size requires minimal space on equipment.
SEALED TIGHT
HM Series’
Symbol 5 hermetic-sealed enclosures are suitable for applications at
sea level, high altitude, or deep space.
LOW VOLTAGE AND POWER DUTY CAPABILITY
MICRO SWITCH™ HM products are available with
silver contacts for control of
power duty circuits or
gold contact surfaces for control of logic level circuits.
LEVERS FURTHER EXPAND FUNCTIONALITY
Auxiliary actuators expand the versatility of the switch for additional applications.
WELL SUITED FOR LOW AND HIGH TEMPERATURES
For endurance in harsh temperature environments,
wide temperature range
is available from -184 °C to 260 °C [-300 °F to 500 °F]. Operate point stability is
maintained over the specified temperature range.
Hermetically sealed with wide temperature range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com