Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

JS-308 Datasheet(PDF) 5 Page - Honeywell Solid State Electronics Center

Part # JS-308
Description  MICRO SWITCH™ HM Series
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

JS-308 Datasheet(HTML) 5 Page - Honeywell Solid State Electronics Center

  JS-308 Datasheet HTML 1Page - Honeywell Solid State Electronics Center JS-308 Datasheet HTML 2Page - Honeywell Solid State Electronics Center JS-308 Datasheet HTML 3Page - Honeywell Solid State Electronics Center JS-308 Datasheet HTML 4Page - Honeywell Solid State Electronics Center JS-308 Datasheet HTML 5Page - Honeywell Solid State Electronics Center JS-308 Datasheet HTML 6Page - Honeywell Solid State Electronics Center JS-308 Datasheet HTML 7Page - Honeywell Solid State Electronics Center JS-308 Datasheet HTML 8Page - Honeywell Solid State Electronics Center JS-308 Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
sensing.honeywell.com
MICRO SWITCH™ Hermetic Sealed Basic Switches
Table 1. Specifications
Characteristic
Description
hermetic sealed miniature snap-action switch
Housing material
300 series stainless steel
Mechanical endurance
25,000 operations min.
Electrical endurance
25,000 operations min.
Dielectric voltage (initial)
1000 Vrms for 1 minute
Circuitry
SPDT
Contact material
silver, gold, gold bifurcated
Electrical rating
up to 4 A at 28 Vdc (ref. electrical rating table)
Sealing
symbol 5, hermetic sealed to MIL-PRF-8805
Temperature range
-65 °C to 121 °C [-85 °F to 250 °F] (see catalog listing table)
Temperature range (optional)
-184 °C to 260 °C [-300 °F to 500 °F] (see catalog listing table)
Vibration
symbol 2 (15 g), 10 to 2000 Hz
Mechanical shock
shock type M (100 G, saw tooth)
Approvals (refer to page 7)
MIL-PRF-8805, UL 508 (File E66520)
Actuators (auxiliary)
straight leaf, roller leaf, straight lever, roller lever
Table 2. Electrical Ratings
Rating code
A
sea level @ 28 Vdc; 3 A res. and 1 A ind.
70,000 feet @ 28 Vdc; 3 A res. and 1 A ind.
sea level @ 115 Vac & 400 Hz; 1 A res. and 1 A ind.
B
sea level @ 28 Vdc; 1 A res. and 0.25 A ind.
70,000 feet @ 28 Vdc; 1 A res. and 0.25 A ind.
C
sea level @ 28 Vdc; 0.5 A res. and 0.25 A ind.
70,000 feet @ 28 Vdc; 0.5 A res. and 0.25 A ind.
D
sea level @ 28 Vdc; 4 A res., 2 A ind. and 1 A lamp
70,000 feet @ 28 Vdc; 4 A res., 2 A ind. and 1 A lamp
sea level @ 115 Vac & 400 Hz; 2 A res., 2 A ind. and 0.5 A lamp
E
sea level @ 28 Vdc; 4 res. and 2 A ind.
sea level @ 115 Vac and 400 Hz; 2.5 A res. and 2.5 A ind.
Table 3. UL 508 Electrical Ratings
Rating code
F
28 Vdc, 0.5 A res.; -65 °C to 125 °C [-85 °F to 257 °F]
G
28 Vdc, 3 A res.; -65 °C to 125 °C [-85 °F to 257 °F]
H
28 Vdc, 0.5 A res.; -65 °C to 260 °C [-85 °F to 500 °F]
J
28 Vdc, 4 A res.; -65 °C to 260 °C [-85 °F to 500 °F]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com