Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CFN0402-FX-R010ELF Datasheet(PDF) 5 Page - Bourns Electronic Solutions

Part # CFN0402-FX-R010ELF
Description  CFN Series Metal Foil, Current Sense Resistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CFN0402-FX-R010ELF Datasheet(HTML) 5 Page - Bourns Electronic Solutions

  CFN0402-FX-R010ELF Datasheet HTML 1Page - Bourns Electronic Solutions CFN0402-FX-R010ELF Datasheet HTML 2Page - Bourns Electronic Solutions CFN0402-FX-R010ELF Datasheet HTML 3Page - Bourns Electronic Solutions CFN0402-FX-R010ELF Datasheet HTML 4Page - Bourns Electronic Solutions CFN0402-FX-R010ELF Datasheet HTML 5Page - Bourns Electronic Solutions CFN0402-FX-R010ELF Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
CFN Series Metal Foil, Current Sensing Chip Resistor
REV. 05/10/21
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
Reliability Tests
Test Items
Condition of Test
∆R Maximum
Load Life
1000 hours at rated power, 70 ℃,
1.5 hours “ON”, 0.5 hour “OFF”
< ±1 %
Short Time Overload
5 X rated power for 5 sec.
< ±1 %
Moisture no Load
85 ℃, 85 %RH, 1000 hrs.
< ±1 %
Temperature Cycle
-55 ℃ & +155 ℃, 100 cycles,
15 min. per extreme condition
(CFN0402: -55 °C & +125 °C, 100 cycles)
< ±1 %
Resistance to Soldering Heat
260 ±5 ℃ for 10 ±1 sec.
< ±0.5 %
Solderability
245 ±5 ℃, 2 ±0.5 sec.
At least 95 % of surface area of electrode shall
be covered with new solder
High Temperature Exposure
+155 ℃, 1000 hrs.
(CFN0402: +125 °C, 1000 hrs.
< ±1 %
Low Temperature Storage
-55 ℃, 1000 hrs.
< ±1 %
Substrate Bending
Bending width 2 mm
< ±0.5 %
Insulation Resistance
100 V DC for 1 minute
>100 MΩ



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com