Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CFN0402-FX-R010ELF Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # CFN0402-FX-R010ELF
Description  CFN Series Metal Foil, Current Sense Resistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CFN0402-FX-R010ELF Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  CFN0402-FX-R010ELF Datasheet HTML 1Page - Bourns Electronic Solutions CFN0402-FX-R010ELF Datasheet HTML 2Page - Bourns Electronic Solutions CFN0402-FX-R010ELF Datasheet HTML 3Page - Bourns Electronic Solutions CFN0402-FX-R010ELF Datasheet HTML 4Page - Bourns Electronic Solutions CFN0402-FX-R010ELF Datasheet HTML 5Page - Bourns Electronic Solutions CFN0402-FX-R010ELF Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
n
Metal foil
n
High power density
n
High reliability and stability
n
RoHS compliant* and halogen free**
Applications
n
Current sensing
n
Power supplies
n
Stepper motor drives
n
Input amplifiers
CFN Series Metal Foil, Current Sense Resistor
Electrical Characteristics
Characteristic
CFN0402
CFN0603
CFN0805
CFN1206
Power Rating @ 70 °C (W)
0.25
0.5
0.75
1
Resistance Value (mΩ)
10, 20
5, 10, 20
5, 10, 20, 30 5, 10, 20, 40
Operating Temperature
Range (°C)
-55 ~ +125
-55 ~ +155
Temperature Coefficient of
Resistance (ppm/°C)
±100
±50, ±100
Tolerance (%)
±1, ±5
Derating Curve
*RoHS Directive 2015/863, Mar 31, 2015 and Annex.
** Bourns considers a product to be “halogen free” if (a) the Bromine (Br) content is 900 ppm or less; (b) the Chlorine (Cl) content is 900 ppm or less; and (c) the total Bromine (Br)
and Chlorine (Cl) content is 1500 ppm or less.
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
WARNING Cancer and Reproductive Harm - www.P65Warnings.ca.gov
Environmental Characteristics
Storage Conditions
Temperature ....................................................................................... +5 °C ~ +35 °C
Humidity .................................................................................................40 % ~ 75 %
Shelf Life.......................................................................2 years from manufacturing date
Solder Recommendations..........................................................................Reflow profile
(Solder: Sn96.5 / Ag3 / Cu0.5)
Moisture Sensitivity Level...............................................................................................1
100
-55+70
+155
+125
Ambient Temperature (°C)
CFN0402
CFN0603,
CFN0805,
CFN1206
L
W
C
T
CFN0402
1.10 ± 0.10
(.043 ± .004)
0.55 ± 0.10
(.021 ± .004)
0.25 ± 0.20
(.010 ± .004)
0.45 ± 0.10
(.017 ± .004)
CFN0603
1.60 ± 0.20
(.063 ± .008)
0.80 ± 0.20
(.031 ± .008)
0.40 ± 0.20
(.016 ± .008)
0.60 ± 0.20
(.023 ± .008)
CFN0805
2.00 ± 0.20
(.079 ± .008)
1.25 ± 0.20
(.049 ± .008)
0.40 ± 0.20
(.016 ± .008)
0.70 ± 0.20
(.028 ± .008)
CFN1206
3.20 ± 0.20
(.126 ± .008)
1.60 ± 0.20
(.063 ±. 008)
0.50 ± 0.20
(.020 ± .008)
0.70 ± 0.20
(.028 ± .008)
DIMENSIONS:
MM
(INCHES)
Product Dimensions
W
CC
T
L
Additional Information
Click these links for more information:
PRODUCT TECHNICAL
LIBRARY
INVENTORY SAMPLES CONTACT
Asia-Pacific: Tel: +886-2 2562-4117 • Email: asiacus@bourns.com
EMEA: Tel: +36 88 885 877 • Email: eurocus@bourns.com
The Americas: Tel: +1-951 781-5500 • Email: americus@bourns.com
www.bourns.com


Similar Part No. - CFN0402-FX-R010ELF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CFN0402-FXR055ELF BOURNS-CFN0402-FXR055ELF Datasheet
604Kb / 6P
CFN Series Metal Foil, Current Sense Resistor
More results

Similar Description - CFN0402-FX-R010ELF

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
FCSL64R005JER OHMITE-FCSL64R005JER Datasheet
184Kb / 1P
Metal Foil Current Sense
FCSL64R002GER OHMITE-FCSL64R002GER Datasheet
241Kb / 3P
Metal Foil Current Sense
FCSL OHMITE-FCSL Datasheet
526Kb / 2P
Metal Foil Current Sense
FCSL OHMITE-FCSL_18 Datasheet
581Kb / 2P
Metal Foil Current Sense
logo
Bourns Electronic Solut...
CFG BOURNS-CFG Datasheet
580Kb / 5P
Metal Foil, Wide Terminal Current Sense Resistor
CFN BOURNS-CFN Datasheet
464Kb / 5P
Metal Foil, Current Sense Resistor
CFG0612 BOURNS-CFG0612 Datasheet
580Kb / 5P
CFG Series Metal Foil, Wide Terminal Current Sense Resistor
CFN0402 BOURNS-CFN0402 Datasheet
604Kb / 6P
CFN Series Metal Foil, Current Sense Resistor
CFN0402A BOURNS-CFN0402A Datasheet
591Kb / 6P
CFN-A Series Metal Foil, Current Sensing Chip Resistor
CFN-A BOURNS-CFN-A Datasheet
591Kb / 6P
CFN-A Series Metal Foil, Current Sensing Chip Resistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com