Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PSM Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSM
Description  Open Frame 40~65 Watts Single Output AC/DC Medical Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSM Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSM Datasheet HTML 1Page - Wall Industries,Inc. PSM Datasheet HTML 2Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSM Series
Open Frame
40~65 Watts Single Output
AC/DC Medical Power Supply
OUTPUT VOLTAGE / CURRENT RATING CHART
Model
Output Voltage
Range
Preset
Voltage
Max. Output Current
(convection cooling)
Output
Power
Output
Regulation
Ripple &
Noise
PSM040B-1Y050
5 - 7VDC
5VDC
8A
40W
5%
50mVp-p
PSM060B-1Y120
11-13VDC
12VDC
5A
60W
3%
120mVp-p
PSM060B-1Y150
14-17VDC
15VDC
4A
60W
3%
150mVp-p
PSM065B-1Y190
18-21VDC
19VDC
3.43A
65W
3%
190mVp-p
PSM065B-1Y240
22-26VDC
24VDC
2.71A
65W
3%
240mVp-p
PSM065B-1Y360
33-39VDC
36VDC
1.81A
65W
2%
360mVp-p
PSM065B-1Y480
44-52VDC
48VDC
1.36A
65W
2%
480mVp-p
NOTES
1. At 25°C including initial tolerance, line voltage, load currents, and output voltages adjusted to factory settings.
2. Ripple and Noise: Peak-to-peak with 20mHz bandwidth with a tantalum 10uF capacitor in parallel with a 0.1uF ceramic capacitor.
3. Other DC outputs available for 40W (5 to 7V), 60W (11 to 13V and 14 to 17V), 65W (18 to 21V, 22 to 26V, 33 to 39V, and
44 to 52V), set at factory. To determine part numbers for output voltages not listed see the “Part Number Guide” table below.
4. All output ranges are covered in agency certification and the preset voltage will be set as standard models. If any request is not
standard output, please contact us prior to ordering.
Part Number Guide
PSM040B-1YW (5-7V)
PSM060B-1YX (11-13V)
PSM060B-1YX (14-17V)
PSM065B-1YZ (18-21V)
PSM065B-1YZ (22-26V)
PSM065B-1YZ (33-39V)
PSM065B-1YZ (44-52V)
MECHANICAL DRAWING
W= 050-070
X = 110-170
Z = 180-520
Ex: For a 6V output the part number would be PSM040B-1Y060
For a 12.2V output the part number would be PSM060B-1Y122
For a 33.4V output the part number would be PSM065B-1Y334
MATCHING CONNECTORS
CN1 = AC INPUT MOLEX P/N:
09-65-2029 (OR EQUIVALENT)
FEMALE HOUSING MOLEX P/N: 09-76-1020 (OR EQUIVALENT)
CN2 = DC OUTPUT MOLEX P/N:
09-65-2048 (OR EQUIVALENT)
FEMALE HOUSING MOLEX P/N: 09-52-4044 (OR EQUIVALENT)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com