Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PSM Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSM
Description  Open Frame 40~65 Watts Single Output AC/DC Medical Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSM Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSM Datasheet HTML 1Page - Wall Industries,Inc. PSM Datasheet HTML 2Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSM Series
Open Frame
40~65 Watts Single Output
AC/DC Medical Power Supply
FEATURES
● Open Frame
● Single Output
● Universal AC Input: 90~264VAC
● Output Voltages from 5 to 52VDC
● Over Voltage/ Over Load/ Short Circuit Protected
● 4(L) x 2(W) x 1.18(H) inches (101.6 x 50.8 x 30 mm)
SPECIFICATIONS: PSM Series
All specifications are based on 25
oC, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
INPUT SPECIFICATIONS
Input Voltage
90 – 264VAC
Input Frequency
47 to 63Hz
Input Current
2A(rms) @ 115VAC
Inrush Current
< 40A @ 115VAC at 25°C cold start, < 80A @ 230VAC at 25°C cold start
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Output Power Range
65 Watts max with convection cooling.
Output Regulation
See table
Output Current
See Table
Ripple & Noise (20MHz BW)
1%
Hold-Up Time
10ms at max watt load and 115VAC nominal line.
Temperature Coefficient
All outputs ±0.04%/°C max.
PROTECTION
Short Circuit Protection
Auto recover
Over Voltage Protection
Output 110% to 130% above following nominal output. Latching Type. AC recycle.
Over Load Protection
Over load protected @ 120% to 180% above following maximum rating. Auto recover.
GENERAL SPECIFICATIONS
Efficiency
80% typical at full output
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
0°C to +50°C ambient, each output derates at 2.5% per degree from +50°C to 70°C.
Humidity (non-condensing)
20% to 90%
Cooling
Free air convection
MTBF
100,000 hrs at full load and 25°C ambient.
PHYSICAL SPECIFICATIONS
Weight
7oz
Dimensions
4(L) x 2(W) x 1.18(H) inches
101.6(L) x 50.8(W) x 30(H) mm
SAFETY & EMC
Safety Standards
UL/cUL UL60601-1, TUV EN60601-1, CB IEC 60601-1
EMC Standards
EN60601-1-2, FCC Part 18 Class B, EN55011 Class B, CE


Similar Part No. - PSM

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
PSM APITECH-PSM Datasheet
199Kb / 2P
Surface Mount Low Pass Filters
logo
TT Electronics.
PSM TTELEC-PSM Datasheet
376Kb / 3P
Miniature Slide Potentiometer
12/2021
PSM TTELEC-PSM Datasheet
377Kb / 3P
Miniature Slide Potentiometer
12/2021
logo
YAGEO Corporation
PSM YAGEO-PSM Datasheet
1Mb / 7P
Fiberglass Cement Resistors
Aug. 31, 2023 V.1
logo
Fujikura Ltd.
PSM-001KPDW FUJIKURA-PSM-001KPDW Datasheet
308Kb / 2P
Pressure sensor module/Gauge,Differential
More results

Similar Description - PSM

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSMPS65 WALL-PSMPS65 Datasheet
169Kb / 3P
Single Output Up to 65 Watts AC/DC Medical Power Supply
PSPW60 WALL-PSPW60 Datasheet
122Kb / 2P
40-60 Watts AC/DC Open Frame Power Supply
PSHBU58 WALL-PSHBU58 Datasheet
249Kb / 4P
60 Watts AC - DC Medical Open Frame Power Supplies Single Output
logo
Delta Electronics, Inc.
MDS-250A DELTA-MDS-250A Datasheet
668Kb / 13P
Medical AC-DC Open Frame Power Supply
MDS-400APB24-AA DELTA-MDS-400APB24-AA Datasheet
592Kb / 12P
Medical AC-DC Open Frame Power Supply
MDS-300APB18AA DELTA-MDS-300APB18AA Datasheet
870Kb / 12P
Medical AC-DC Open Frame Power Supply
MDS-400APB12AA DELTA-MDS-400APB12AA Datasheet
962Kb / 12P
Medical AC-DC Open Frame Power Supply
MDS-300APB12AA DELTA-MDS-300APB12AA Datasheet
849Kb / 11P
Medical AC-DC Open Frame Power Supply
MDS-300APB24AA DELTA-MDS-300APB24AA Datasheet
747Kb / 12P
Medical AC-DC Open Frame Power Supply
MDS-300APB48AA DELTA-MDS-300APB48AA Datasheet
885Kb / 12P
Medical AC-DC Open Frame Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com