Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST92163 Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST92163
Description  8/16-BIT FULL SPEED USB MCU FOR COMPOSITE DEVICES WITH 16 ENDPOINTS, 20K ROM, 2K RAM, I2C, SCI, & MFT
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92163 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST92163 Datasheet HTML 8Page - STMicroelectronics ST92163 Datasheet HTML 9Page - STMicroelectronics ST92163 Datasheet HTML 10Page - STMicroelectronics ST92163 Datasheet HTML 11Page - STMicroelectronics ST92163 Datasheet HTML 12Page - STMicroelectronics ST92163 Datasheet HTML 13Page - STMicroelectronics ST92163 Datasheet HTML 14Page - STMicroelectronics ST92163 Datasheet HTML 15Page - STMicroelectronics ST92163 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 224 page
background image
12/224
ST92163 - GENERAL DESCRIPTION
Figure 4. 56-Pin Package Pin-Out
Table 1. Power Supply Pins
Table 2. Primary Function pins
156
29
28
P3.4/INT7/DCD/WKUP4
P3.5/INT7/SIN/WKUP5
P3.6/INT7/ASN/WKUP6
P3.7/INT7/SDS/WKUP7
VPP
RESET
P5.0/INT1/TI NA
P5.1/INT4/TI NB
P5.2/INT3
P5.3/INT2/TO UTA
P5.4/WKUP8/USBOE
P5.5/INT0/W DIN/RW
P5.6/TOUTB /WKUP9
P5.7/NMI/W DOUT
OSCOUT
VSS
OSCIN
VDD
P6.0/INT5/SDA/WKUP10
P6.1/INT6/EXTRG/SCL/WKUP11
P6.2/INTCLK/AIN0/WKUP12
AVDD
P6.3/AIN1/WKUP13
P6.4/AIN2/USBSOF
P6.5/AIN3/USBSOF
P0.0/A0/D0
P0.1/A1/D1
P0.2/A2/D2
WKUP3/RXCLK/INT7/P3.3
WKUP2/CLKOUT/TXCLK/INT7/P3.2
WKUP1/RTS/INT7/P3.1
WKUP0/SOUT/INT7/P3.0
DS
USBGND
USBVCC
USBDP0
USBDM0
BACK/P4.3
P4.2
WAIT/P4.1
BREQ/P4.0
VDD
VSS
WKUP14/A15/P1.7
WKUP14/A14/P1.6
WKUP14/A13/P1.5
WKUP14/A12/P1.4
WKUP14/A11/P1.3
WKUP14/A10/P1.2
WKUP14/A9/P1.1
WKUP14/A8/P1.0
D7/A7/P0.7
D6/A6/P0.6
D5/A5/P0.5
D4/A4/P0.4
D3/A3/P0.3
Name
Function
VDD
Main Power Supply Voltage
(2 pins internally connected)
14
21
39
56
VSS
Digital Circuit Ground
(2 pins internally connected)
15
23
41
57
AVDD
Analog Circuit Supply Voltage
35
17
VPP
EPROM Programming Voltage.
Must be connected to ground in
normal operating mode.
52
36
Name
Fun ction
DS
Data Strobe
5
45
OSCIN
Oscillator Input
40
22
OSCOUT
Oscillator Output
42
24
RESET
Reset to initialize the ST9
51
35
USBGND
USB bus ground level
6
46
USBVCC
USB voltage regulator output
7
47
USBDM0
USB Upstream port Data- line
9
51
USBDP0
USB Upstream port Data+ line
8
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com