Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST92163 Datasheet(PDF) 15 Page - STMicroelectronics

Part # ST92163
Description  8/16-BIT FULL SPEED USB MCU FOR COMPOSITE DEVICES WITH 16 ENDPOINTS, 20K ROM, 2K RAM, I2C, SCI, & MFT
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92163 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ST92163 Datasheet HTML 11Page - STMicroelectronics ST92163 Datasheet HTML 12Page - STMicroelectronics ST92163 Datasheet HTML 13Page - STMicroelectronics ST92163 Datasheet HTML 14Page - STMicroelectronics ST92163 Datasheet HTML 15Page - STMicroelectronics ST92163 Datasheet HTML 16Page - STMicroelectronics ST92163 Datasheet HTML 17Page - STMicroelectronics ST92163 Datasheet HTML 18Page - STMicroelectronics ST92163 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 224 page
background image
15/224
ST92163 - GENERAL DESCRIPTION
P3.2
All ports useable
for general pur-
pose I/O (input,
output or bidirec-
tional)
242
WKUP2
I
Wakeup Line 2
INT7
I
External Interrupt 7 (*)
TXCLK
I
SCI Transmit CK Input
CLKOUT
O
SCI Clock Output
P3.3
1
41
WKUP3
I
Wakeup Line 3
INT7
I
External Interrupt 7 (*)
RXCLK
I
SCI Receive CK Input
O
P3.4
56 40
WKUP4
I
Wakeup Line 4
INT7
I
External Interrupt 7 (*)
DCD
I
SCI Data Carrier Detect
O
P3.5
55 39
WKUP5
I
Wakeup Line 5
INT7
I
External Interrupt 7 (*)
SIN
I
SCI Data Input
O
P3.6
54 38
WKUP6
I
Wakeup Line 6
INT7
I
External Interrupt 7 (*)
AS (**)
O
Ext. Mem. Address Strobe
P3.7
53 37
WKUP7
I
Wakeup Line 7
INT7
I
External Interrupt 7 (*)
SDS
O
SCI Synchronous Data Send
P4.0
13 55 BREQ
I
Ext. Mem. Bus Request
P4.1
12 54
WAIT
I
Ext. Mem. Wait Input
RW
O
Ext. Mem. Read/Write Mode Select
P4.2
11 53
I
AS (**)
O
Ext. Mem. Address Strobe
P4.3
10 52
I
BACK
O
Ext. Mem. bus acknow
Port
Name
General
Purpose I/O
Pin
No.
Alternate Functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com