Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STA001 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STA001
Description  RF FRONT-END FOR DIGITAL RADIO
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA001 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STA001 Datasheet HTML 4Page - STMicroelectronics STA001 Datasheet HTML 5Page - STMicroelectronics STA001 Datasheet HTML 6Page - STMicroelectronics STA001 Datasheet HTML 7Page - STMicroelectronics STA001 Datasheet HTML 8Page - STMicroelectronics STA001 Datasheet HTML 9Page - STMicroelectronics STA001 Datasheet HTML 10Page - STMicroelectronics STA001 Datasheet HTML 11Page - STMicroelectronics STA001 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
STA001
8/20
IF VCO (T = 25°, VDD-VSS = 3V)
fLO2_1
LO Freq.
Using a 14.72MHz quartz, Min. and Max.
Values are optional fixed frequency usable
for testing purposes.
111.76
117.08
122.4
MHz
fLO2_2
LO Freq.
Using a 14.725MHz quartz, Min. and Max.
Values are optional fixed frequency usable
for testing purposes.
111.8
117.12
122.44
MHz
VFLT2
Freq. control voltage
range
FLT2 pin
VSS +
0.2
VDD -
0.2
V
DIGITAL INTERFACE TO MP (SCL, SDA, TLCK) AND XOSEL INTERFACE (T = 25°, VDD-VSS = 3V)
INPUT PARAMETERS (SCL, SDA)
VIH
digital input signals
high
VDD-1
VDD
V
VIL
low
VSS
VSS+0.
7
V
IIH
Input current High
10
µA
IIL
Input current Low
-40
µA
Tt
Input edge transition
0.1
µs/V
Rin
Input resistance
190K
Ω
OUTPUT PARAMETERS (TLCK)
VOH
digital output signals
high
VDD-
0.5
VDD
V
VOL
low
VSS
VSS+0.
5
V
tr
Rise time
Cl=5pF
0.4
µs/V
tf
Fall time
Cl=5pF
0.4
µs/V
DIFFERENTIAL DIGITAL INTERFACE (M_CLK1, M_CLK2) (T = 25°, VDD-VSS = 3V)
VOH
digital output signals,
V(M_CLK1) -
V(M_CLK2)
high
0.2
V
VOL
low
-0.2
V
VDC
M_CLK1, M_CLK2
common mode DC voltage
VDD-
1.12
VDD-
0.7
V
tr
Rise time
Cl=5pF each pin
10
ns
tf
Fall time
Cl=5pF each pin
10
ns
Zout
Output impedance
balanced
500
Ω
ELECTRICAL CHARACTERISTCS (continued)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com