Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STA001 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STA001
Description  RF FRONT-END FOR DIGITAL RADIO
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA001 Datasheet(HTML) 4 Page - STMicroelectronics

  STA001 Datasheet HTML 1Page - STMicroelectronics STA001 Datasheet HTML 2Page - STMicroelectronics STA001 Datasheet HTML 3Page - STMicroelectronics STA001 Datasheet HTML 4Page - STMicroelectronics STA001 Datasheet HTML 5Page - STMicroelectronics STA001 Datasheet HTML 6Page - STMicroelectronics STA001 Datasheet HTML 7Page - STMicroelectronics STA001 Datasheet HTML 8Page - STMicroelectronics STA001 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
STA001
4/20
THERMAL DATA
(1) According to JEDEC specification on a 4 layers board
Symbol
Parameter
Value
Unit
RTh j-amb Thermal Resistance Junction to Ambient (1)
45
°C/W
ELECTRICAL CHARACTERISTCS
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
SUPPLY CURRENTS (Tamb = 25°, VDD = 3V)
ICC1
Current supplied by
VDD1
Powered circuits: LNA, RF mixer, IF buffer
9.5
14
17
mA
ICC2
Current supplied by
VDD2
Powered circuits: RF pll, Crystal Oscillator.
ENRFOSC=high (IC RF Osc. Enabled),
XOSEL=high (IC XO Enabled)
ENRFOSC=low (IC RF Osc. Disabled),
XOSEL=high (IC XO Enabled)
ENRFOSC=high (IC RF Osc. Enabled),
XOSEL=low (IC XO Disabled)
ENRFOSC=low (IC RF Osc. Disabled),
XOSEL=low (IC XO Disabled)
8.5
3
7.5
2
10
5
9
4
12
6
11
5
mA
mA
mA
mA
ICC3
Current supplied by
VDD3
Powered circuits: Digital cells
12
15
18
mA
ICC4
Current supplied by
VDD4
Powered circuits: VGA, IF mixer, output
buffer, IF pll.
V(AGC1)=V(AGC2)=1.2 (IFgain=75dB)
711
14
mA
ITOT
ICC1+ ICC2+ ICC3+ ICC4
ENRFOSC=high (IC RF Osc. Enabled),
XOSEL=high (IC XO Enabled)
ENRFOSC=low (IC RF Osc. Disabled),
XOSEL=high (IC XO Enabled)
ENRFOSC=high (IC RF Osc. Enabled),
XOSEL=low (IC XO Disabled)
ENRFOSC=low (IC RF Osc. Disabled),
XOSEL=low (IC XO Disabled)
40
34
39
34
50
45
49
44
61
55
60
54
mA
mA
mA
mA
ITOTSB
Standby ICC1+ ICC2+
ICC3+ ICC4
CE=GND
100
µA
LNA, RF MIXER AND IF1 BUFFER (T = 25°, VDD-VSS = 3V)
BWi
Input signal BW
1452
1492
MHz
BWo
Output signal BW
114
116.5
MHz
GV
Voltage Gain
Input LNI, NLNI pins; output SIP, NIP pins.
RL = 200Ω, PADJ1, PADJ2 floating
28
30
33
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com