Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STA575 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STA575
Description  100100W STEREO BASH POWER AMPLIFIER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA575 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STA575 Datasheet HTML 12Page - STMicroelectronics STA575 Datasheet HTML 13Page - STMicroelectronics STA575 Datasheet HTML 14Page - STMicroelectronics STA575 Datasheet HTML 15Page - STMicroelectronics STA575 Datasheet HTML 16Page - STMicroelectronics STA575 Datasheet HTML 17Page - STMicroelectronics STA575 Datasheet HTML 18Page - STMicroelectronics STA575 Datasheet HTML 19Page - STMicroelectronics STA575 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
17/20
STA575
Figure 9. THD +N FR Channel
Figure 10. THD + N Frequency
Figure 11. Residual Noise vs. Frequency
Figure 12. Frequency Response
Audio Precision
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
10
140
20
30
40
50
60
70
80
90
100
110
120
130
W
Audio Precision
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
10
140
20
30
40
50
60
70
80
90
100
110
120
130
W
Audio Precision
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
Audio Precision
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
Pout = 80W
Pout = 30W
Pout = 5W
Audio Precision
-160
+0
-140
-120
-100
-80
-60
-40
-20
dBr
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
Audio Precision
-160
+0
-140
-120
-100
-80
-60
-40
-20
dBr
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
Audio Precision
+0
+40
+2
+4
+6
+8
+10
+12
+14
+16
+18
+20
+22
+24
+26
+28
+30
+32
+34
+36
+38
dBr
10
40k
20
50
100
200
500
1k
2k
5k
10k
20k
Hz
Audio Precision
+0
+40
+2
+4
+6
+8
+10
+12
+14
+16
+18
+20
+22
+24
+26
+28
+30
+32
+34
+36
+38
dBr
10
40k
20
50
100
200
500
1k
2k
5k
10k
20k
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com