Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STA575 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STA575
Description  100100W STEREO BASH POWER AMPLIFIER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA575 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STA575 Datasheet HTML 12Page - STMicroelectronics STA575 Datasheet HTML 13Page - STMicroelectronics STA575 Datasheet HTML 14Page - STMicroelectronics STA575 Datasheet HTML 15Page - STMicroelectronics STA575 Datasheet HTML 16Page - STMicroelectronics STA575 Datasheet HTML 17Page - STMicroelectronics STA575 Datasheet HTML 18Page - STMicroelectronics STA575 Datasheet HTML 19Page - STMicroelectronics STA575 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
STA575
18/20
Figure 13. APPICATION BLOCK DIAGRAM
15
µH
L2
MUTE CONTROL &
THRESHOLD
REFERENCE
MUTE-BUCK
MUTE-BUCK
+VS
MUTE
MUTE
MUTE
OUT1+
OUT1-
OUT2+
OUT2-
OUT3+
OUT3-
OUT4+
OUT4-
IN1
IN2
IN3
IN4
-VS
MUTE
MUTE
BUCK CONTROLLER
300W BUCK
+VS
-VS
+VS
-VS
DC++
DC++
GATE-DRIVE
I-SENSE
PWM-SPLY
PWM-SPLY
GATE-DRIVE
I-SENSE
1800pF
1800pF
TRACK
PROT
CD-
CD-
CD+
CD+
CD-
CD+
CD-
CD+
TRACK
TRACK
PROT
PROT
THRESH-REF
THRESH-REF
-VS
+VS
-VS
-VS
+VS
+VS
RED
RED
WHITE
RED
WHITE
GND
DC++
J1
J2
J1
J3
J4
J2
STA575
2 CHANNELS
STA575
2 CHANNELS
MUTE-LIN
OUT5+
OUT0-
OUT6+
OUT8-
IN5
IN6
CD-
CD+
TRACK
PROT
R77
R78
-VS
+VS
J5
J6
J4
J3
STA575
2 CHANNELS
D02AU1454



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com