Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VOFM-5 Datasheet(PDF) 2 Page - CUI INC

Part # VOFM-5
Description  Switching Power Supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VOFM-5 Datasheet(HTML) 2 Page - CUI INC

  VOFM-5 Datasheet HTML 1Page - CUI INC VOFM-5 Datasheet HTML 2Page - CUI INC VOFM-5 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
V-INFINITY LLC, 9615 SW Allen Blvd., Suite 103, Beaverton, OR 97005
1-866-372-1258
www.v-infinity.com
VOFM-5 Series Switching Power Supply
Rev. 04-2007
2 / 3
Protection Circuit
Parameter
Conditions/Description
Short Circuit
Auto-recover once short is removed.
Over load
less than 180% of fulll load
Output Over-voltage 130% to 150% output rating.
General and Safety
Parameter
Conditions/Description
Min
Nom
Max
Units
Operating temp.
0
70
ºC
Storage temp.
-20
85
ºC
Operating Humid.
non-condensing
0
93
%
Storage Humid.
0
93
%
Leakage current
<100
µA
Safety
Approved to UL/cUL 60601-1 (E302945), TUV EN60601-1, CE
EMC Standards
EN55011, EN55022, EN55024, EN61204-3, EN61000-3-2/3, EN61000-6-1/3, EN60601-1-2
Isolation Voltage
Applied for 1 minute.
(HI-POT)
Primary to secondary:
6565
VDC
Primary to transformer core:
1.5K
VAC
Insulation Resistance
Per EN60601-1
RoHS
Yes
Warranty
Standard Warranty Length
2
years
Input
Parameter
Conditions/Description
Min
Nom
Max
Units
Input Frequency
47
63
Hz
Input Voltage
Output power derated from 85-90 VAC
85
264
VAC
Input Current
Measured at 85VAC, Full load
200
mA
Inrush Current
Peak measured at 264 VAC at full load, cold start
40
A
Output
Parameter
Conditions/Description
Min
Nom
Max
Units
Efficiency
Measured at 115VAC, 60Hz or 230VAC, 50Hz
See Table above
Hold up time
At 115 VAC, full load
8
mS
Turn on Delay
Full load
1
S



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com