Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VOFM-5 Datasheet(PDF) 1 Page - CUI INC

Part # VOFM-5
Description  Switching Power Supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VOFM-5 Datasheet(HTML) 1 Page - CUI INC

  VOFM-5 Datasheet HTML 1Page - CUI INC VOFM-5 Datasheet HTML 2Page - CUI INC VOFM-5 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
V-INFINITY LLC, 9615 SW Allen Blvd., Suite 103, Beaverton, OR 97005
1-866-372-1258
www.v-infinity.com
VOFM-5 Series Switching Power Supply
Rev. 04-2007
1 / 3
Voltage
Current
Line Reg.1
Load Reg.2
Ripple & Noise3
Efficiency
Model
(V)
(A)
(%)
(%)
(mVp-p max)
(%)
VOFM-5-3.3
3.3
1.25
0.5
1.0
50
68
VOFM-5-5
5.0
1.0
0.5
1.0
50
72
VOFM-5-9
9.0
0.55
0.5
1.0
90
74
VOFM-5-12
12.0
0.42
0.5
1.0
120
75
VOFM-5-15
15.0
0.33
0.5
1.0
150
75
VOFM-5-18
18.0
0.28
0.5
1.0
180
76
VOFM-5-24
24.0
0.23
0.5
1.0
240
77
Features
• Universal input 85~264 Vac
• Designed for medical application
• Industry standard foot-print
• Efficiency up to 77%
• Safety approved to UL/cUL 60601, TUV,
CE
• Conducted EMI meets EN55022
class B
Notes:
1. Measured from High Line to Low Line at Full load.
2. Measured from Full load to 10% load at 110 VAC.
3. Use a 0.1uF ceramic cap. and a 10uF Electrolytic cap. on the output to measure Ripple & Noise at 20MHz BW.
VOFM-5 series Derating Curve


Similar Part No. - VOFM-5

ManufacturerPart #DatasheetDescription
logo
CUI INC
VOFM-5 CUI-VOFM-5 Datasheet
602Kb / 4P
AC-DC POWER SUPPLY
11/02/2020
VOFM-5-12 CUI-VOFM-5-12 Datasheet
602Kb / 4P
AC-DC POWER SUPPLY
11/02/2020
VOFM-5-15 CUI-VOFM-5-15 Datasheet
602Kb / 4P
AC-DC POWER SUPPLY
11/02/2020
VOFM-5-18 CUI-VOFM-5-18 Datasheet
602Kb / 4P
AC-DC POWER SUPPLY
11/02/2020
VOFM-5-24 CUI-VOFM-5-24 Datasheet
602Kb / 4P
AC-DC POWER SUPPLY
11/02/2020
More results

Similar Description - VOFM-5

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
FSP065-AAB SPI-FSP065-AAB Datasheet
115Kb / 7P
Switching Power Supply
FSP090-1ADC21 SPI-FSP090-1ADC21 Datasheet
130Kb / 7P
Switching Power Supply
logo
CUI INC
EMSA18W CUI-EMSA18W Datasheet
251Kb / 5P
SWITCHING POWER SUPPLY
EPSA120200U CUI-EPSA120200U Datasheet
241Kb / 5P
SWITCHING POWER SUPPLY
EPSA050120UB CUI-EPSA050120UB Datasheet
204Kb / 4P
SWITCHING POWER SUPPLY
EPSA050250U_1009 CUI-EPSA050250U_1009 Datasheet
238Kb / 4P
SWITCHING POWER SUPPLY
EPSA050250UB CUI-EPSA050250UB Datasheet
203Kb / 4P
SWITCHING POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE Datasheet
196Kb / 4P
SWITCHING POWER SUPPLY
EPSA120150UB CUI-EPSA120150UB Datasheet
201Kb / 4P
SWITCHING POWER SUPPLY
logo
Sangdest Microelectroni...
SDURD320 SMC-SDURD320 Datasheet
187Kb / 5P
Switching Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com