Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADE7169 Datasheet(PDF) 54 Page - Analog Devices

Part # ADE7169
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7169 Datasheet(HTML) 54 Page - Analog Devices

Back Button ADE7169 Datasheet HTML 50Page - Analog Devices ADE7169 Datasheet HTML 51Page - Analog Devices ADE7169 Datasheet HTML 52Page - Analog Devices ADE7169 Datasheet HTML 53Page - Analog Devices ADE7169 Datasheet HTML 54Page - Analog Devices ADE7169 Datasheet HTML 55Page - Analog Devices ADE7169 Datasheet HTML 56Page - Analog Devices ADE7169 Datasheet HTML 57Page - Analog Devices ADE7169 Datasheet HTML 58Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 148 page
background image
ADE75xx/ADE71xx
Preliminary Technical Data
Rev. PrE | Page 54 of 148
INSTANTANEOUS
POWER SIGNAL
p(t) = v
×i-v×i×cos(2ωt)
ACTIVE REAL POWER
SIGNAL = v
× i
0x19999A
VI
0xCCCCD
0x00000
CURRENT
i(t) = 2
×i×sin(ωt)
VOLTAGE
v(t) = 2
×v×sin(ωt)
02875-0-060
Figure 37. Active Power Calculation
Since LPF2 does not have an ideal “brick wall” frequency
response—see Figure 38, the active power signal has some
ripple due to the instantaneous power signal. This ripple is
sinusoidal and has a frequency equal to twice the line frequency.
Because the ripple is sinusoidal in nature, it is removed when
the active power signal is integrated to calculate energy—see the
Active Energy Calculation section.
FREQUENCY (Hz)
–24
1
–20
3
10
30
100
–12
–16
–8
–4
0
02875-0-061
Figure 38. Frequency Response of LPF2
Active power gain calibration
Figure 39 shows the signal processing chain for the active power
calculation in the ADE75XX/ADE71XX. As explained, the
active power is calculated by low-pass filtering the
instantaneous power signal. Note that when reading the
waveform samples from the output of LPF2, the gain of the
active energy can be adjusted by using the multiplier and watt
gain register (WGAIN[11:0]). The gain is adjusted by writing a
twos complement 12-bit word to the watt gain register. Equation
11 shows how the gain adjustment is related to the contents of
the watt gain register:
⎟⎟
⎜⎜
⎧ +
×
=
12
2
1
WGAIN
Power
Active
WGAIN
Output
(11)
For example, when 0x7FF is written to the watt gain register, the
power output is scaled up by 50%. 0x7FF = 2047d, 2047/212 =
0.5. Similarly, 0x800 = –2048d (signed twos complement) and
power output is scaled by –50%. Each LSB scales the power
output by 0.0244%. The minimum output range is given when
the watt gain register contents are equal to 0x800, and the
maximum range is given by writing 0x7FF to the watt gain
register. This can be used to calibrate the active power (or
energy) calculation in the ADE75XX/ADE71XX.
Active power offset calibration
The ADE75XX/ADE71XX also incorporates an active power
offset register (WATTOS[15:0]). This is a signed twos
complement 16-bit register that can be used to remove offsets in
the active power calculation—see Figure 37. An offset could
exist in the power calculation due to crosstalk between channels
on the PCB or in the IC itself. The offset calibration allows the
contents of the active power register to be maintained at 0 when
no power is being consumed.
The 256 LSBs (WATTOS = 0x0100) written to the active power
offset register are equivalent to 1 LSB in the waveform sample
register. Assuming the average value, output from LPF2 is
0xCCCCD (838,861d) when inputs on the voltage and current
channels are both at full scale. At −60 dB down on the current
channel (1/1000 of the current channel full-scale input), the
average word value output from LPF2 is 838.861
(838,861/1,000). One LSB in the LPF2 output has a
measurement error of 1/838.861 × 100% = 0.119% of the
average value. The active power offset register has a resolution
equal to 1/256 LSB of the waveform register, therefore the power
offset correction resolution is 0.000464%/LSB (0.119%/256) at
–60 dB.
Active power sign detection
The ADE75XX/ADE71XX detects a change of sign in the active
power. A sign change can be monitored on the filtered active
power signal or on a per CF pulse basis, depending on the
configuration of the CFSIGN_OPT bit in the GAIN register
(0x1B). The APSIGN flag in the Interrupt Status Register 1 SFR
(MIRQSTL, 0xDC) record when a change of sign according to
bit APSIGN in the ACCMODE register (0x0F) has occurred. If
the APSIGN bit is set in the Interrupt Enable Register 1 SFR
(MIRQENL, 0xD9), the 8052 core has a pending ADE interrupt.
The ADE interrupt stays active until the APSIGN status bit is
cleared—see Energy measurement interrupts section.
When APSIGN in the ACCMODE register (0x0F) is cleared
(default), the APSIGN flag in the Interrupt Status Register 1 SFR
(MIRQSTL, 0xDC) will be set when a transition from positive
to negative active power has occurred.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com