Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADE7169 Datasheet(PDF) 61 Page - Analog Devices

Part # ADE7169
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7169 Datasheet(HTML) 61 Page - Analog Devices

Back Button ADE7169 Datasheet HTML 57Page - Analog Devices ADE7169 Datasheet HTML 58Page - Analog Devices ADE7169 Datasheet HTML 59Page - Analog Devices ADE7169 Datasheet HTML 60Page - Analog Devices ADE7169 Datasheet HTML 61Page - Analog Devices ADE7169 Datasheet HTML 62Page - Analog Devices ADE7169 Datasheet HTML 63Page - Analog Devices ADE7169 Datasheet HTML 64Page - Analog Devices ADE7169 Datasheet HTML 65Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 148 page
background image
Preliminary Technical Data
ADE75xx/ADE71xx
Rev. PrE | Page 61 of 148
Reactive Energy Calculation
As for active energy, the ADE75XX/ADE71XX achieves the
integration of the reactive power signal by continuously
accumulating the reactive power signal in an internal non-
readable 49-bit energy register. The reactive energy register
(VARHR[23:0]) represents the upper 24 bits of this internal
register.
The discrete time sample period (T) for the accumulation
register in the ADE75XX/ADE71XX is 1.22μs (5/MCLK). As
well as calculating the energy, this integration removes any
sinusoidal components that might be in the active power signal.
Figure 45 shows this discrete time integration or accumulation.
The reactive power signal in the waveform register is
continuously added to the internal reactive energy register.
The reactive Energy accumulation depends on the setting of the
SAVARM and ABSVARM bits in the ACCMODE register
(0x0F). When both bits are cleared, the addition is signed and
therefore negative energy is subtracted from the reactive energy
contents. When both bits are set, the ADE75XX/ADE71XX is
set to be in the more restrictive mode, the Absolute
Accumulation mode.
When SAVARM bit in the ACCMODE register (0x0F) is set,
the reactive power is accumulated depending on the sign of the
active power. When active power is positive, the reactive power
is added as it is to the reactive energy register. When active
power is negative, the reactive power is subtracted to the
reactive energy accumulator – see VAR anti-tamper
accumulation mode.
When ABSVARM bit in the ACCMODE register (0x0F) is set,
the absolute reactive power is used for the reactive energy
accumulation—see the VAR absolute accumulation mode
section.
The output of the multiplier is divided by VARDIV. If the value
in the VARDIV register is equal to 0, then the internal reactive
energy register is divided by 1. VARDIV is an 8-bit unsigned
register. After dividing by VARDIV, the reactive energy is
accumulated in a 49-bit internal energy accumulation register.
The upper 24 bits of this register are accessible through a read
to the reactive energy register (VARHR[23:0]). A read to the
RVARHR register returns the content of the VARHR register
and the upper 24 bits of the internal register are cleared. As
shown in Figure 45, the reactive power signal is accumulated in
an internal 49-bit signed register. The reactive power signal can
be read from the waveform register by setting the WAVMODE
register (0x0D) and setting the WFSM bit in the Interrupt
Enable Register 3 SFR (MIRQENH, 0xDB). Like the current and
voltage channels waveform sampling modes, the waveform date
is available at sample rates of 27.9 kSPS, 14 kSPS, 7 kSPS, or
3.5 kSPS.
Figure 40 shows this energy accumulation for full-scale signals
(sinusoidal) on the analog inputs. These curves also apply for
the reactive energy accumulation
Note that the energy register contents rolls over to full-scale
negative (0x800000) and continues to increase in value when
the power or energy flow is positive. Conversely, if the power is
negative, the energy register underflows to full-scale positive
(0x7FFFFF) and continues to decrease in value.
By using the interrupt enable register, the ADE75XX/ADE71XX
can be configured to issue an ADE interrupt to the 8052 core
when the reactive energy register is half-full (positive or
negative) or when an overflow or underflow occurs.
Integration time under steady Load
As mentioned in the active energy section, the discrete time
sample period (T) for the accumulation register is 1.22 μs
(5/CLKIN). With full-scale sinusoidal signals on the analog
inputs and the VARGAIN and VARDIV registers set to 0x000,
the integration time before the reactive energy register
overflows is calculated as follows:
Time =
xCCCCD
0
FFFF
FFFF,
xFFFF,
0
× 1.22 μs = 409.6 s = 6.82 min(15)
When VARDIV is set to a value different from 0, the integration
time varies, as shown in Equation 16.
VARDIV
Time
Time
WDIV
×
=
= 0
(16)
Reactive energy accumulation modes
VAR signed accumulation mode
The ADE75XX/ADE71XX reactive energy default accumulation
mode is a signed accumulation based on the reactive power
information.
VAR anti-tamper accumulation mode
The ADE75XX/ADE71XX is placed in VAR anti-tamper
accumulation mode by setting the SAVARM bit in the
ACCMODE register (0x0F). In this mode, the reactive power is
accumulated depending on the sign of the active power. When
active power is positive, the reactive power is added as it is to
the reactive energy register. When active power is negative, the
reactive power is subtracted to the reactive energy accumulator
– see Figure 46. The CF pulse also reflects this accumulation
method when in this mode. The default setting for this mode is
off. Transitions in the direction of power flow, and no-load
threshold are active in this mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com