Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADE7566 Datasheet(PDF) 88 Page - Analog Devices

Part # ADE7566
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7566 Datasheet(HTML) 88 Page - Analog Devices

Back Button ADE7566 Datasheet HTML 84Page - Analog Devices ADE7566 Datasheet HTML 85Page - Analog Devices ADE7566 Datasheet HTML 86Page - Analog Devices ADE7566 Datasheet HTML 87Page - Analog Devices ADE7566 Datasheet HTML 88Page - Analog Devices ADE7566 Datasheet HTML 89Page - Analog Devices ADE7566 Datasheet HTML 90Page - Analog Devices ADE7566 Datasheet HTML 91Page - Analog Devices ADE7566 Datasheet HTML 92Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 136 page
background image
ADE7566/ADE7569
Preliminary Technical Data
Rev. PrA | Page 88 of 136
Table 75. LCD Configuration X SFR (LCDCONX, 0x9C)
Bit No.
Mnemonic
Default
Description
7
Reserved
0
Reserved.
External Resistor Ladder Selection Bit.
EXTRES
Result
0
External resistor ladder is disabled. Charge pump is enabled.
6
EXTRES
0
1
External resistor ladder is enabled. Charge pump is disabled.
5 to 0
BIASLVL[5:0]
0
Bias Level Selection Bits. See Table 76.
Table 76. LCD Bias Voltage When Contrast Control Is Enabled
1/2 Bias
1/3 Bias
BIASLVL[5]
VA (V)
VB
VC
VB
VC
0
[]
31
4:0
BLVL
V
REF ×
VB = VA
VC = 2 x VA
VB = 2 x VA
VC = 3 x VA
1
[]
⎛ +
×
31
1
4:0
BLVL
V
REF
VB = VA
VC = 2 x VA
VB = 2 x VA
VC = 3 x VA
Table 77. LCD Configuration Y SFR (LCDCONY, 0xB1)
Bit No.
Mnemonic
Default
Description
7
Reserved
0
This bit should be kept cleared for proper operation.
6
INV_LVL
0
Frame Inversion Mode Enable Bit. If this bit is set, frames are inverted every other frame. If this
bit is cleared, frames are not inverted.
5 to 2
Reserved
0
These bits should be kept cleared for proper operation.
1
UPDATEOVER
0
Update Finished Flag Bit. This bit is updated by LCD driver. When set, this bit indicates that the
LCD memory has been updated and a new frame has begun.
0
REFRESH
0
Refresh LCD Data Memory Bit. This bit should be set by user. When set, the LCD driver does not
use the data in the LCD data registers to update display. The LCD data registers can be updated
by the 8052. When cleared, the LCD driver uses the data in the LCD data registers to update
display at the next frame.
Table 78. LCD Clock SFR (LCDCLK, 0x96)
Bit No.
Mnemonic
Default
Description
Blink Mode Clock Source Configuration Bits.
BLKMOD[1:0]
Result
00
The blink rate is controlled by software. The display is off.
01
The blink rate is controlled by software. The display is on.
10
The blink rate is 2 Hz
7 to 6
BLKMOD[1:0]
0
11
The blink rate is set by BLKFREQ[1:0]
Blink Rate Configuration Bits. These bits control the LCD blink rate if BLKMOD[1:0] = 11
BLKFREQ[1:0]
Result (Blink Rate)
00
1 Hz
01
1/2 Hz
10
1/3 Hz
5 to 4
BLKFREQ[1:0]
0
11
1/4 Hz
3 to 0
FD[3:0]
0
LCD Frame Rate Selection Bits. See Table 79 and Table 80.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com