Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADE7566 Datasheet(PDF) 92 Page - Analog Devices

Part # ADE7566
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7566 Datasheet(HTML) 92 Page - Analog Devices

Back Button ADE7566 Datasheet HTML 88Page - Analog Devices ADE7566 Datasheet HTML 89Page - Analog Devices ADE7566 Datasheet HTML 90Page - Analog Devices ADE7566 Datasheet HTML 91Page - Analog Devices ADE7566 Datasheet HTML 92Page - Analog Devices ADE7566 Datasheet HTML 93Page - Analog Devices ADE7566 Datasheet HTML 94Page - Analog Devices ADE7566 Datasheet HTML 95Page - Analog Devices ADE7566 Datasheet HTML 96Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 136 page
background image
ADE7566/ADE7569
Preliminary Technical Data
Rev. PrA | Page 92 of 136
VOLTAGE GENERATION
The ADE7566/ADE7569 provide two ways to generate the LCD
waveform voltage levels. The on-chip charge pump option can
generate 5 V. This makes it possible to use 5 V LCDs with the
3.3 V ADE7566/ADE7569. There is also an option to use an
external resistor ladder with a 3.3 V LCD. The EXTRES bit in
the LCD Configuration X SFR (LCDCONX, 0x9C) selects the
resistor ladder or charge pump option.
When selecting how to generate the LCD waveform voltages,
the following should be considered:
Lifetime performance power consumption
Contrast control
Lifetime Performance Power Consumption
In most LCDs, a high amount of current is required when the LCD
waveforms change state. The external resistor ladder option draws a
constant amount of current, whereas the charge pump circuitry
allows dynamic current consumption. If the LCD module is used
with the internal charge pump option when the display is disabled,
the voltage generation is disabled, so that no power is consumed by
the LCD function. This feature results in significant power
savings if the display is turned off during battery operation.
Contrast Control
The electrical characteristics of the liquid in the LCD change
over temperature. This requires adjustments in the LCD waveform
voltages to ensure a readable display. An added benefit of the
internal charge pump voltage generation is a configurable bias
voltage that can be compensated over temperature and supply
to maintain contrast on the LCD. These compensations can be
performed based on the ADE7566/ADE7569 temperature and
supply voltage measurements (see the Temperature, Battery, and
Supply Voltage Measurements section). This dynamic contrast
control is not easily implemented with external resistor ladder
voltage generation.
The LCD bias voltage sets the contrast of the display when the
charge pump provides the LCD waveform voltages. The ADE7566/
ADE7569 provide 64 bias levels selected by the BIASLVL bits in
the LCD Configuration X SFR (LCDCONX, 0x9C). The voltage
level on LCDVA, LCDVB and LCDVC depend on the internal
voltage reference value (VREF), BIASLVL[5:0] selection, and the
biasing selected as described in Table 76.
Lifetime Performance
DC offset on a segment degrades its performance over time.
The voltages generated through the internal charge pump
switch faster than those generated by the external resistor
ladder, reducing the likelihood of a dc voltage being applied
to a segment and increasing the lifetime of the LCD.
LCD EXTERNAL CIRCUITRY
The voltage generation selection is made by bit EXTRES in the
LCD Configuration X SFR (LCDCONX, 0x9C). This bit is
cleared by default for charge pump voltage generation, but can
be set to enable an external resistor ladder.
Charge Pump
Voltage generation through the charge pump requires external
capacitors to store charge. The external connections to LCDVA,
LCDVB, and LCDVC, as well as LCDVP1 and LCDVP2, are
shown in Figure 76.
LCDVC
LCDVB
LCDVA
LCDVP1
LCDVP2
CHARGE PUMP
AND
LCD WAVEFORM
CIRCUITRY
100nF
470nF
470nF
470nF
Figure 76. External Circuitry for Charge Pump Option
External Resistor Ladder
To enable the external resistor ladder option, set the EXTRES
bit in the LCD Configuration X SFR (LCDCONX, 0x9C). When
EXTRES = 1, the LCD waveform voltages are supplied by the
external resistor ladder. Because the LCD voltages are not being
generated on-chip, the LCD bias compensation implemented to
maintain contrast over temperature and supply is not possible.
The external circuitry needed for the resistor ladder option is
shown in Figure 77. The resistors required should be in the
range of 10 kΩ to 100 kΩ and based on the current required by
the LCD being used.
LCDVC
LCDVB
LCDVA
LCDVP1
LCDVP2
LCD WAVEFORM
CIRCUITRY
Figure 77. External Circuitry for External Resistor Ladder Option
LCD FUNCTION IN PSM2
The LCDPSM2 and LCDEN bits in the LCD Configuration SFR
(LCDCON, 0x95) control LCD functionality in the PSM2
operating mode (see Table 86).
Table 86.
LCDPSM2
LCDEN
Result
0
0
The display is off in PSM2.
0
1
The display is on in PSM2.
1
X
The display is off in PSM2.
Note that the LCD configuration and data memory is retained
when the display is turned off.
Example LCD Setup
An example to set up the LCD peripheral for a specific LCD is
described in this section with the following parameters:
Type of LCD: 5 V, 4× multiplexed with 1/3 bias, 96 segment
Voltage generation: internal charge pump
Refresh rate: 64 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com