Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STE2002DIE1 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STE2002DIE1
Description  81 X 128 SINGLE CHIP LCD CONTROLLER / DRIVER
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2002DIE1 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STE2002DIE1 Datasheet HTML 3Page - STMicroelectronics STE2002DIE1 Datasheet HTML 4Page - STMicroelectronics STE2002DIE1 Datasheet HTML 5Page - STMicroelectronics STE2002DIE1 Datasheet HTML 6Page - STMicroelectronics STE2002DIE1 Datasheet HTML 7Page - STMicroelectronics STE2002DIE1 Datasheet HTML 8Page - STMicroelectronics STE2002DIE1 Datasheet HTML 9Page - STMicroelectronics STE2002DIE1 Datasheet HTML 10Page - STMicroelectronics STE2002DIE1 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
7/51
STE2002
The STE2002 provides three bits (BS0, BS1, BS2) for programming the desired Bias Ratio as shown below:
The following table Bias Level for m = 65 and m = 81 are provided:
LCD Voltage Generation
The LCD Voltage at reference temperature (To = 27°C) can be set using the VOP register content according to
the following formula:
VLCD(T=To) = VLCDo = (Ai+VOP · B)
(i=0,1,2)
with the following values:
Note that the three PRS values produce three adjacent ranges for VLCD. If the VOP register and PRS bits are
set to zero the internal voltage generator is switched off.
The proper value for the VLCD is a function of the Liquid Crystal Threshold Voltage (Vth) and of the Multiplexing
Rate. A general expression for this is:
For MUX Rate m = 65 the ideal VLCD is:
VLCD(to) = 6.85 · Vth
than:
BS2
BS1
BS0
n
0
007
0
016
0
105
0
114
1
003
1
012
1
101
1
110
Symbol
m = 65 (1/9)
m = 81 (1/10)
V1
VLCD
VLCD
V2
8/9*VLCD
9/10*VLCD
V3
7/9*VLCD
8/10*VLCD
V4
2/9*V VLCD
2/10*VLCD
V5
1/9 *VLCD
1/10*VLCD
V6
VSS
VSS
Symbol
Value
Unit
Note
Ao
2.95
V
PRS = [0;0]
A1
6.83
V
PRS = [0;1]
A2
10.71
V
PRS = [1;0]
B
0.0303
V
To
27
°C
V
LC D
1m
+
21
1
m
---------


------------------------------------ V
th
=
V
op
6.85 V
th
A
i
()
0.03
-----------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com