Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STE2002DIE1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STE2002DIE1
Description  81 X 128 SINGLE CHIP LCD CONTROLLER / DRIVER
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2002DIE1 Datasheet(HTML) 1 Page - STMicroelectronics

  STE2002DIE1 Datasheet HTML 1Page - STMicroelectronics STE2002DIE1 Datasheet HTML 2Page - STMicroelectronics STE2002DIE1 Datasheet HTML 3Page - STMicroelectronics STE2002DIE1 Datasheet HTML 4Page - STMicroelectronics STE2002DIE1 Datasheet HTML 5Page - STMicroelectronics STE2002DIE1 Datasheet HTML 6Page - STMicroelectronics STE2002DIE1 Datasheet HTML 7Page - STMicroelectronics STE2002DIE1 Datasheet HTML 8Page - STMicroelectronics STE2002DIE1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
1/51
STE2002
September 2002
s
104 x 128 bits Display Data RAM
s
Programmable MUX rate
s
Programmable Frame Rate
s
X,Y Programmable Carriage Return
s
Dual Partial Display Mode
s
Row by Row Scrolling
s
Automatic data RAM Blanking procedure
s
Selectable Input Interface:
• I2C Bus Fast and Hs-mode (read and write)
• Parallel Interface (read and write)
• Serial Interface (read and write)
s
Fully Integrated Oscillator requires no external
components
s
CMOS Compatible Inputs
s
Fully Integrated Configurable LCD bias voltage
generator with:
• Selectable multiplication factor (up to 6X)
• Effective sensing for High Precision Output
• Eight selectable temperature compensation
coefficients
s
Designed for chip-on-glass (COG) applications
s
Low Power Consumption, suitable for battery
operated systems
s
Logic Supply Voltage range from 1.7 to 3.6V
s
High Voltage Generator Supply Voltage range
from 1.75 to 4.2V
s
Display Supply Voltage range from 4.5 to 11V
s
Backward Compatibility with STE2001
DESCRIPTION
The STE2002 is a low power CMOS LCD controller
driver. Designed to drive a 81 rows by 128 columns
graphic display, provides all necessary functions in a
single chip, including on-chip LCD supply and bias
voltages generators, resulting in a minimum of exter-
nals components and in a very low power consump-
tion. The STE2002 features three standard interfaces
(Serial, Parallel & I2C) for ease of interfacing with the
host mcontroller.
Type
Ordering Number
Bumped Wafers
STE2002DIE1
Bumped Dice on Waffle Pack
STE2002DIE2
81 X 128 SINGLE CHIP LCD CONTROLLER / DRIVER
Figure 1. Block Diagram
COLUMN
DRIVERS
ROW
DRIVERS
DATA
LATCHES
104 x 128
RAM
DISPLAY
CONTROL
LOGIC
SCROLL
LOGIC
DATA
REGISTER
I2CBUS
INSTRUCTION
REGISTER
OSC
CO to C127
R0 to R80
OSC_IN
VLCDIN
VLCDSENSE
RES
VDD1,2
CLOCK
TIMING
GENERATOR
BIAS VOLTAGE
GENERATOR
HIGH VOLTAGE
GENERATOR
RESET
TEST
SHIFT
REGISTER
VLCDOUT
VSS
SEL1,2
SAO
TEST_1_14
SDA_IN
SDA_OUT
SCL
PARALLEL
SERIAL
SCE
SDIN
SCLK
SD/C
BSY_FLG
SA1
EXT
SOUT
ICON_MODE
VSSAUX
ICON
OSC_OUT
DB0 to DB7 E
PD/C
R/W


Similar Part No. - STE2002DIE1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STE2002DIE1 STMICROELECTRONICS-STE2002DIE1 Datasheet
508Kb / 61P
81 x 128 single-chip LCD controller/driver
12-Dec-2006
More results

Similar Description - STE2002DIE1

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS0759 SAMSUNG-KS0759 Datasheet
580Kb / 67P
81 COM / 128 SEG DRIVER & CONTROLLER FOR STN LCD
S6B0759 SAMSUNG-S6B0759 Datasheet
657Kb / 68P
81 COM / 128 SEG DRIVER & CONTROLLER FOR STN LCD
logo
STMicroelectronics
STE2007 STMICROELECTRONICS-STE2007 Datasheet
708Kb / 62P
96 x 68 Single Chip LCD Controller/Driver
09-Nov-2005
STE2001 STMICROELECTRONICS-STE2001 Datasheet
342Kb / 36P
65 X 128 SINGLE CHIP LCD CONTROLLER / DRIVER
Oct-2001
STE2004 STMICROELECTRONICS-STE2004 Datasheet
1Mb / 66P
102 X 65 SINGLE CHIP LCD CONTROLLER / DRIVER
Jul-2004
STE2004S STMICROELECTRONICS-STE2004S Datasheet
1Mb / 79P
102 x 65 single-chip LCD controller/driver
31-Jan-2007
STE2002 STMICROELECTRONICS-STE2002_06 Datasheet
508Kb / 61P
81 x 128 single-chip LCD controller/driver
12-Dec-2006
STE2007 STMICROELECTRONICS-STE2007_06 Datasheet
718Kb / 62P
96 x 68 Single-chip LCD controller/driver
12-Dec-2006
logo
Sitronix Technology Co....
ST7588T SITRONIX-ST7588T Datasheet
1Mb / 61P
81 x 132 Dot Matrix LCD Controller/Driver
logo
NXP Semiconductors
PCF8531 NXP-PCF8531_11 Datasheet
396Kb / 51P
34 x 128 pixel matrix driver Single-chip LCD controller and driver
Rev. 6-16 May 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com