Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VN751S Datasheet(PDF) 6 Page - STMicroelectronics

Part # VN751S
Description  High side driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN751S Datasheet(HTML) 6 Page - STMicroelectronics

Back Button VN751S Datasheet HTML 2Page - STMicroelectronics VN751S Datasheet HTML 3Page - STMicroelectronics VN751S Datasheet HTML 4Page - STMicroelectronics VN751S Datasheet HTML 5Page - STMicroelectronics VN751S Datasheet HTML 6Page - STMicroelectronics VN751S Datasheet HTML 7Page - STMicroelectronics VN751S Datasheet HTML 8Page - STMicroelectronics VN751S Datasheet HTML 9Page - STMicroelectronics VN751S Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Electrical characteristics
VN751S
6/17
Table 5.
Input pin
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
VIL
Input low level
1.25
V
IIL
Low level input
current
VIN = 1.25 V
1
µA
VIH
Input high level
3.25
V
IIH
High level input
current
VIN = 3.25 V
10
µA
Vhyst
Input hysteresis
voltage
0.5
V
IIN
Input current
VIN = VCC = 5 V
10
µA
VICL
Input clamp voltage
IIN = 1 mA
IIN = -1 mA
6
6.8
-0.7
8
V
V
Table 6.
Status pin
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
VSTAT
Status low output
voltage
ISTAT = 1.6 mA
0.5
V
ILSTAT
Status leakage
current
Normal operation; VSTAT = 5 V
10
µA
CSTAT
Status pin input
capacitance
Normal operation; VSTAT = 5 V
100
pF
VSCL
Status clamp voltage
ISTAT = 1 mA;
ISTAT =-1 mA
6
6.8
-0.7
8
V
V
Table 7.
Protections
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
TTSD
Shut-down
temperature
150
175
200
°C
TR
Reset temperature
135
°C
Thyst
Thermal hysteresis
7
20
°C
Ilim
Current limitation
VCC = 24 V, RLOAD = 10 mΩ,
t = 0.4 ms
2.7
6.0
A
Vdemag
Turn-off output clamp
voltage
RL =12 Ω; L = 6 mH
VCC-
47
VCC-
52
VCC-
57
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com