Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VN751S Datasheet(PDF) 1 Page - STMicroelectronics

Part # VN751S
Description  High side driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN751S Datasheet(HTML) 1 Page - STMicroelectronics

  VN751S Datasheet HTML 1Page - STMicroelectronics VN751S Datasheet HTML 2Page - STMicroelectronics VN751S Datasheet HTML 3Page - STMicroelectronics VN751S Datasheet HTML 4Page - STMicroelectronics VN751S Datasheet HTML 5Page - STMicroelectronics VN751S Datasheet HTML 6Page - STMicroelectronics VN751S Datasheet HTML 7Page - STMicroelectronics VN751S Datasheet HTML 8Page - STMicroelectronics VN751S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
July 2008
Rev 6
1/17
17
VN751S
High side driver
Features
CMOS compatible input
Thermal shutdown
Shorted load protection
Undervoltage and overvoltage shutdown
Protection against loss of ground
Very low stand-by current
Compliance to 61000-4-4 IEC test up to 4 kV
Description
The VN751S is a monolithic device designed in
STMicroelectronics VIPower M0-3 technology,
intended for driving any kind of load with one side
connected to ground. Active VCC pin voltage
clamp protects the device against low energy
spikes. Active current limitation combined with
thermal shutdown and automatic restart protect
the device against overload. Device automatically
turns off in case of ground pin disconnection. This
device is especially suitable for industrial
applications in conformity with IEC 61131-2
programmable controllers international standard.
Type
RDS(on)
Iout
VCC
VN751S
60 m
2.5 A
36 V
SO-8
Figure 1.
Block diagram
UNDERVOLTAGE
OVERTEMPERATURE
GND
INPUT
OUTPUT
OVERVOLTAGE
CURRENT LIMITER
LOGIC
DRIVER
Power CLAMP
VCC
CLAMP
DETECTION
DETECTION
DETECTION
VCC
STATUS
www.st.com


Similar Part No. - VN751S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN751PT STMICROELECTRONICS-VN751PT Datasheet
379Kb / 15P
High side driver
18-Sep-2007
VN751PT STMICROELECTRONICS-VN751PT Datasheet
392Kb / 16P
High side driver
08-Jul-2008
VN751PT13TR STMICROELECTRONICS-VN751PT13TR Datasheet
379Kb / 15P
High side driver
18-Sep-2007
VN751PT13TR STMICROELECTRONICS-VN751PT13TR Datasheet
392Kb / 16P
High side driver
08-Jul-2008
VN751PT STMICROELECTRONICS-VN751PT_08 Datasheet
392Kb / 16P
High side driver
08-Jul-2008
More results

Similar Description - VN751S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN920D-B5 STMICROELECTRONICS-VN920D-B5 Datasheet
438Kb / 22P
HIGH SIDE DRIVER
rev. A
VN920DSP STMICROELECTRONICS-VN920DSP Datasheet
250Kb / 17P
HIGH SIDE DRIVER
rev. A
VN750PEP STMICROELECTRONICS-VN750PEP Datasheet
156Kb / 14P
HIGH SIDE DRIVER
Oct-2003
VN820 STMICROELECTRONICS-VN820_04 Datasheet
543Kb / 35P
HIGH SIDE DRIVER
Jul-2004
VN750 STMICROELECTRONICS-VN750_04 Datasheet
423Kb / 31P
HIGH SIDE DRIVER
Jun-2004
VN800S-E STMICROELECTRONICS-VN800S-E Datasheet
262Kb / 24P
HIGH SIDE DRIVER
Oct-2004
VN751PT STMICROELECTRONICS-VN751PT_08 Datasheet
392Kb / 16P
High side driver
08-Jul-2008
VN800PSTR-E STMICROELECTRONICS-VN800PSTR-E Datasheet
373Kb / 27P
High-side driver
07-Feb-2011
VN750SM-E STMICROELECTRONICS-VN750SM-E Datasheet
243Kb / 20P
HIGH SIDE DRIVER
Oct-2004
VN920DB5-E STMICROELECTRONICS-VN920DB5-E Datasheet
392Kb / 26P
High-side driver
September 2013 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com