Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

74ALVCH32245LB Datasheet(PDF) 2 Page - STMicroelectronics

Part # 74ALVCH32245LB
Description  LOW VOLTAGE CMOS 32-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANTAT INPUTS AND OUTPUTS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74ALVCH32245LB Datasheet(HTML) 2 Page - STMicroelectronics

  74ALVCH32245LB Datasheet HTML 1Page - STMicroelectronics 74ALVCH32245LB Datasheet HTML 2Page - STMicroelectronics 74ALVCH32245LB Datasheet HTML 3Page - STMicroelectronics 74ALVCH32245LB Datasheet HTML 4Page - STMicroelectronics 74ALVCH32245LB Datasheet HTML 5Page - STMicroelectronics 74ALVCH32245LB Datasheet HTML 6Page - STMicroelectronics 74ALVCH32245LB Datasheet HTML 7Page - STMicroelectronics 74ALVCH32245LB Datasheet HTML 8Page - STMicroelectronics 74ALVCH32245LB Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
74ALVCH32245
2/9
PIN CONNECTION (Top view)
TERMINAL ASSIGNMENT
INPUT AND OUTPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
TRUTH TABLE
X : Don‘t Care
Z : High Impedance
ABCD
E
F
G
H
J
K
LM
N
P
R
T
6
1A2
1A4
1A6
1A8
2A2
2A4
2A6
2A7
3A2
3A4
3A6
3A8
4A2
4A4
4A6
4A7
5
1A1
1A3
1A5
1A7
2A1
2A3
2A5
2A8
3A1
3A3
3A5
3A7
4A1
4A3
4A5
4A8
4
1G
GND
VCC GND GND VCC GND
2G
3G
GND
VCC GND GND VCC GND
4G
3
1DIR GND
VCC GND GND VCC GND 2DIR 3DIR GND VCC GND GND VCC GND 4DIR
2
1B1
1B3
1B5
1B7
2B1
2B3
2B5
2B8
3B1
3B3
3B5
3B7
4B1
4B3
4B5
4B8
1
1B2
1B4
1B6
1B8
2B2
2B4
2B6
2B7
3B2
3B4
3B6
3B8
4B2
4B4
4B6
4B7
SYMBOL
NAME AND FUNCTION
nDIR
Directional Control
nA1 to nA8
Data Inputs/Outputs
nB1 to nB8
Data Inputs/Outputs
nG
Output Enable Inputs
GND
Ground (0V)
VCC
Positive Supply Voltage
INPUTS
FUNCTION
OUTPUT
nG
nDIR
A BUS
B BUS
Yn
L
L
OUTPUT
INPUT
A = B
L
H
INPUT
OUTPUT
B = A
H
X
ZZZ



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com