Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

74ALVCH32245LB Datasheet(PDF) 5 Page - STMicroelectronics

Part # 74ALVCH32245LB
Description  LOW VOLTAGE CMOS 32-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANTAT INPUTS AND OUTPUTS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74ALVCH32245LB Datasheet(HTML) 5 Page - STMicroelectronics

  74ALVCH32245LB Datasheet HTML 1Page - STMicroelectronics 74ALVCH32245LB Datasheet HTML 2Page - STMicroelectronics 74ALVCH32245LB Datasheet HTML 3Page - STMicroelectronics 74ALVCH32245LB Datasheet HTML 4Page - STMicroelectronics 74ALVCH32245LB Datasheet HTML 5Page - STMicroelectronics 74ALVCH32245LB Datasheet HTML 6Page - STMicroelectronics 74ALVCH32245LB Datasheet HTML 7Page - STMicroelectronics 74ALVCH32245LB Datasheet HTML 8Page - STMicroelectronics 74ALVCH32245LB Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
74ALVCH32245
5/9
AC ELECTRICAL CHARACTERISTICS
CAPACITIVE CHARACTERISTICS
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC/32 (per
circuit)
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
CL
(pF)
-40 to 85 °C
Min.
Max.
tPLH tPHL
Propagation Delay Time
2.3 to 2.7
30
1.0
3.7
ns
2.7
50
1.0
3.6
3.0 to 3.6
50
1.0
3.0
tPZL tPZH
Output Enable Time
2.3 to 2.7
30
1.0
5.7
ns
2.7
50
1.0
5.4
3.0 to 3.6
50
1.0
4.4
tPLZ tPHZ
Output Disable Time
2.3 to 2.7
30
1.0
5.2
ns
2.7
50
1.0
4.6
3.0 to 3.6
50
1.0
4.1
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25 °C
Min.
Typ.
Max.
CIN
Input Capacitance
3.3
VI = 0V or VCC
4pF
COUT
Output Capacitance
3.3
VI = 0V or VCC
8pF
CPD
Power Dissipation Capacitance
(note 1)
2.5
fIN = 10MHz
VI = 0V or VCC
22
pF
3.3
28



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com