Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STLVD112 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STLVD112
Description  HIGH SPEED PROTECTION SWITCH
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLVD112 Datasheet(HTML) 5 Page - STMicroelectronics

  STLVD112 Datasheet HTML 1Page - STMicroelectronics STLVD112 Datasheet HTML 2Page - STMicroelectronics STLVD112 Datasheet HTML 3Page - STMicroelectronics STLVD112 Datasheet HTML 4Page - STMicroelectronics STLVD112 Datasheet HTML 5Page - STMicroelectronics STLVD112 Datasheet HTML 6Page - STMicroelectronics STLVD112 Datasheet HTML 7Page - STMicroelectronics STLVD112 Datasheet HTML 8Page - STMicroelectronics STLVD112 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
STLVD112
5/11
ELECTRICAL CHARACTERISTICS (Over recommended operating conditions, unless otherwise noted.
All typical values are at TA=25°C and VS1,VS2 =3.3V)
LVDS DRIVER ELECTRICAL CHARACTERISTICS (Over recommended operating conditions, unless
otherwise noted. All typical values are at TA=25°C and VS1,VS2 =3.3V)
LVDS RECEIVER ELECTRICAL CHARACTERISTICS (Over recommended operating conditions,
unless otherwise noted. All typical values are at TA=25°C and VS1,VS2 =3.3V)
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Typ.
Max.
VOL
Low Level Output Voltage
IOUT = 24 mA
0.2
0.4
V
VOH
High Level Output Voltage
IOUT =24 mA
VSI-0.5 VSI-0.3
V
VIL
Low Level Input Thresholds VOUT = 0.1V or VS1 - 0.1
0
0.8
V
VIH
High Level Input Thresholds VOUT = 0.1V or VS1 - 0.1
2
VSI
V
IIN
Input Leakage Current
VIN = GND or VCC
-1
1
µA
ICC
Quiescent Supply Current
VIN = GND or VCC
15
mA
fCLOCK = 155MHz
110
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Typ.
Max.
VOD
Differential Output Voltage
RL = 100 Ω
247
364
454
mV
∆V
OD
Change in differential output voltage
between logic states
-50
50
mV
VOC(SS) Steady-state common-mode output
voltage
1
1.15
1.30
V
∆V
OC(SS) Change in steady-state common-
mode output voltage between logic
State
-50
50
mV
∆V
OC(PP) Peak-to-Peack common-mode output
voltage
100
150
mV
ISC
Short Circuit Output Current
VO(Y) or VO(Z) = 0
-24
-4
mA
VOD =0
±12
IOFF
Power Off Output Current
VCC =0,VO = 2.4V
-1
1
µA
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Typ.
Max.
VITH+
Positive-going Differential Input
Voltage Threshold
100
mV
VITH-
Negative-going Differential Input
Voltage Threshold
-100
mV
|VID|
Magnitude of Differential Input
Voltage
0.1
0.6
V
VIC
Common-mode Input Voltage
0.5
|VID|
2.4-0.5
|VID|
V
VCC-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com