Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STLVD112 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STLVD112
Description  HIGH SPEED PROTECTION SWITCH
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLVD112 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STLVD112 Datasheet HTML 2Page - STMicroelectronics STLVD112 Datasheet HTML 3Page - STMicroelectronics STLVD112 Datasheet HTML 4Page - STMicroelectronics STLVD112 Datasheet HTML 5Page - STMicroelectronics STLVD112 Datasheet HTML 6Page - STMicroelectronics STLVD112 Datasheet HTML 7Page - STMicroelectronics STLVD112 Datasheet HTML 8Page - STMicroelectronics STLVD112 Datasheet HTML 9Page - STMicroelectronics STLVD112 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
STLVD112
6/11
LVDS SWITCHING TIMING CHARACTERISTICS (Over recommended operating conditions, unless
otherwise noted. All typical values are at TA=25°C and VS1,VS2 =3.3V)
AC LVTTL IN LVTTL OUT (Over recommended operating conditions, unless otherwise noted. All typical
values are at TA=25°C and VS1,VS2 =3.3V)
AC CONTROL OUTPUT (LOSsp, LOSch) (Over recommended operating conditions, unless otherwise
noted. All typical values are at TA=25°C and VS1,VS2 =3.3V)
AC LVTTL IN LVDS OUT (Over recommended operating conditions, unless otherwise noted. All typical
values are at TA=25°C and VS1,VS2 =3.3V)
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Typ.
Max.
tW
Minimum Pulse Width
<1
ns
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Typ.
Max.
tPLH
Propagation Delay Time, low-to-high-
level output (50% to 50%)
Measured with VIN=0 to 2.5V,
fCLOCK = 1MHz, fDATA = 0.5MHz
tr =tf = 0.4ns, +Duty Cycle=50%
tPHL,tPLH are referred to output
clock transitions.
2.4
3.9
5.6
ns
tPHL
Propagation Delay Time, high-to-low-
level output (50% to 50%)
2.5
4.2
5.3
ns
tTLH
Transition Time, low-to-high-level
output (10% to 90%)
0.7
1.3
1.6
ns
tTHL
Transition Time, high-to-low-level
output (90% to 10%)
0.7
1.1
1.3
ns
fopr
Operative frequency
100
155
200
MHz
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Typ.
Max.
tPLH
Propagation Delay Time, low-to-high-
level output (50% to 50%)
Measured with VIN=0 to 2.5V,
fCLOCK = 1MHz, fDATA = 0.5MHz
tr =tf = 0.4ns, +Duty Cycle=50%
tPHL,tPLH are referred to output
clock transitions.
2.4
3.6
4.4
ns
tPHL
Propagation Delay Time, high-to-low-
level output (50% to 50%)
2.4
3.4
4.2
ns
tTLH
Transition Time, low-to-high-level
output (10% to 90%)
0.9
1.9
2.3
ns
tTHL
Transition Time, high-to-low-level
output (90% to 10%)
0.7
1.0
1.2
ns
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Typ.
Max.
tPLH
Propagation Delay Time, low-to-high-
level output (50% to 50%)
Measured with VIN=0 to 2.5V,
fCLOCK = 1MHz, fDATA = 0.5MHz
tr =tf = 0.4ns, +Duty Cycle=50%
tPHL,tPLH are referred to output
clock transitions.
2.8
3.8
4.7
ns
tPHL
Propagation Delay Time, high-to-low-
level output (50% to 50%)
2.6
3.4
4.1
ns
tTLH
Transition Time, low-to-high-level
output (20% to 80%)
0.4
0.5
0.6
ns
tTHL
Transition Time, high-to-low-level
output (80% to 20%)
0.4
0.6
0.7
ns
fopr
Operative frequency
100
155
200
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com