Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STMPE2403 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STMPE2403
Description  24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE2403 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STMPE2403 Datasheet HTML 6Page - STMicroelectronics STMPE2403 Datasheet HTML 7Page - STMicroelectronics STMPE2403 Datasheet HTML 8Page - STMicroelectronics STMPE2403 Datasheet HTML 9Page - STMicroelectronics STMPE2403 Datasheet HTML 10Page - STMicroelectronics STMPE2403 Datasheet HTML 11Page - STMicroelectronics STMPE2403 Datasheet HTML 12Page - STMicroelectronics STMPE2403 Datasheet HTML 13Page - STMicroelectronics STMPE2403 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 63 page
background image
Maximum rating
STMPE2403
10/63
3
Maximum rating
Stressing the device above the rating listed in the “Absolute Maximum Ratings” table may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the Operating sections of
this specification is not implied. Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability. Refer also to the STMicroelectronics SURE
Program and other relevant quality documents.
3.1
Absolute maximum rating
3.2
Thermal data
Table 5. Absolute maximum rating
Symbol
Parameter
Value
Unit
VCC
Supply voltage
2.5
V
VIN
Input voltage on GPIO pin
2.5
V
VIN I2C
Input voltage on I2C pin
4.5
V
VESD (HBM)
ESD protection on each GPIO pin
2
KV
Table 6. Thermal data
Symbol
Parameter
Min
Typ
Max
Unit
RthJA
Thermal resistance junction-ambient
100
°C/W
TA
Operating ambient temperature
-40
25
85
°C
TJ
Operating junction temperature
-40
25
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com