Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TSM101C Datasheet(PDF) 3 Page - STMicroelectronics

Part # TSM101C
Description  VOLTAGE AND CURRENT CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM101C Datasheet(HTML) 3 Page - STMicroelectronics

  TSM101C Datasheet HTML 1Page - STMicroelectronics TSM101C Datasheet HTML 2Page - STMicroelectronics TSM101C Datasheet HTML 3Page - STMicroelectronics TSM101C Datasheet HTML 4Page - STMicroelectronics TSM101C Datasheet HTML 5Page - STMicroelectronics TSM101C Datasheet HTML 6Page - STMicroelectronics TSM101C Datasheet HTML 7Page - STMicroelectronics TSM101C Datasheet HTML 8Page - STMicroelectronics TSM101C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
TSM101/A
3/13
ELECTRICAL CHARACTERISTICS
T
amb = 25°C, VCC = 15V (unless otherwise specified)
VOLTAGE REFERENCE : TSM101
VOLTAGE REFERENCE : TSM101A
CURRENT GENERATOR: TSM101, TSM101A
Symbol
Parameter
TSM101C
TSM101I
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
Vref
Reference Voltage
Iout = 1mA, Tamb = 25°C
1.21
1.24
1.27
1.21
1.24
1.27
V
Kvt
Temperature Stability
Tmin
≤Tamb ≤ Tmax
30
100
35
120
ppm/°C
Reglo
Load Regulation
1
< I
out < 10mA
515
5
15
mV
Regli
Line Regulation
5
< V
in < 32V
3.5
10
3.5
10
mV
Symbol
Parameter
TSM101AC
TSM101AI
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
Vref
Reference Voltage
Iout = 1mA, Tamb = 25°C
1.227
1.24
1.252
1.227
1.24
1.252
V
Kvt
Temperature Stability
Tmin
≤Tamb ≤ Tmax
30
100
35
120
ppm/°C
Reglo
Load Regulation
1
< I
out < 10mA
515
5
15
mV
Regli
Line Regulation
5
< V
in < 32V
3.5
10
3.5
10
mV
Symbol
Parameter
TSM101C/AC
TSM101I/AI
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
Io
Current Source
1.4
1.4
mA
Kcgt
Temperature Stability
Tmin
≤Tamb ≤ Tmax
500
600
ppm/°C
Cglir
Line Regulation
4.5
< V
cc< 32V
0.003
0.03
0.003
0.03
mA
Vcsen
Voltage at the enable pin to have
Io = 1.4mA
Tmin
≤Tamb ≤ Tmax
0.6
0.6
V
Vcsdis
Voltage at the enable pin to have
Io = 0mA
Tmin
≤Tamb ≤ Tmax
22
V
Icsen
Input Current on the Csen pin
Tmin
≤Tamb ≤ Tmax
30
30
µA
Icsleak
Leakage Current
Vcs = 2V
Tmin
≤Tamb ≤ Tmax
0.5
2
0.5
2
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com