Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TSM101C Datasheet(PDF) 4 Page - STMicroelectronics

Part # TSM101C
Description  VOLTAGE AND CURRENT CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM101C Datasheet(HTML) 4 Page - STMicroelectronics

  TSM101C Datasheet HTML 1Page - STMicroelectronics TSM101C Datasheet HTML 2Page - STMicroelectronics TSM101C Datasheet HTML 3Page - STMicroelectronics TSM101C Datasheet HTML 4Page - STMicroelectronics TSM101C Datasheet HTML 5Page - STMicroelectronics TSM101C Datasheet HTML 6Page - STMicroelectronics TSM101C Datasheet HTML 7Page - STMicroelectronics TSM101C Datasheet HTML 8Page - STMicroelectronics TSM101C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
TSM101/A
4/13
DESCRIPTION
Name
Pin
Type
Function
Vref
1
OUTPUT
Voltage Reference Output 1.24V, 10mA max. Do not short circuit
Vrin
7
INPUT
Voltage Regulation Loop input
Crin
5
INPUT
Current Limitation Loop Input, connected to the sense resisto
Crref
3
INPUT
Current Limitation Reference Input
Csen
2
INPUT
Current source enable input. This current source can be used to offset the
voltage measurement on the sense resistor and therefore to modify the
charge current. The current source enabled when the input voltage on pin 2
is lower than 0.8V.
OUTPUT
6
OUTPUT
Output pin common to the voltage regulation and current limitation loops.
This output can drive the primary side (LED) of an optocoupler.
Vcc
8
INPUT
Power Supply Input (4.5 to 32V DC)
GND
4
INPUT
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com