Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

EMIF10-LCD02F3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # EMIF10-LCD02F3
Description  10-line IPAD, EMI filter and ESD protection for LCD and cameras
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF10-LCD02F3 Datasheet(HTML) 1 Page - STMicroelectronics

  EMIF10-LCD02F3 Datasheet HTML 1Page - STMicroelectronics EMIF10-LCD02F3 Datasheet HTML 2Page - STMicroelectronics EMIF10-LCD02F3 Datasheet HTML 3Page - STMicroelectronics EMIF10-LCD02F3 Datasheet HTML 4Page - STMicroelectronics EMIF10-LCD02F3 Datasheet HTML 5Page - STMicroelectronics EMIF10-LCD02F3 Datasheet HTML 6Page - STMicroelectronics EMIF10-LCD02F3 Datasheet HTML 7Page - STMicroelectronics EMIF10-LCD02F3 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
April 2008
Rev 2
1/8
8
EMIF10-LCD02F3
10-line IPAD™, EMI filter and ESD protection for LCD and cameras
Features
Lead-free package
EMI symmetrical (I/O) low-pass filter
High efficiency in EMI filtering
400 µm pitch
Compatible with high speed data rate
Very low PCB space occupation: < 4mm2
Very thin package: 0.60 mm
High efficiency in ESD suppression
High reliability offered by monolithic integration
High reduction of parasitic elements through
integration and wafer level packaging
Complies with the following standards
IEC61000-4-2 level 4 on inputs and outputs
– 15 kV (air discharge)
– 8 kV (contact discharge)
MIL STD 883E - Method 3015-6 Class 3
Applications
Where EMI filtering in ESD sensitive equipment is
required :
LCD for mobile phones
Computers and printers
Communication systems
MCU boards
Description
The EMIF10-LCD02F3 is a 10-line highly
integrated device designed to suppress EMI/RFI
noise in all systems subjected to electromagnetic
interference. The EMIF10 Flip Chip packaging
means the package size is equal to the die size.
This filter includes ESD protection circuitry, which
prevents damage to the protected device when
subjected to ESD surges up 15kV.
Figure 1.
Pin layout (bump side)
Figure 2.
Device configuration
TM: IPAD is a trademark of STMicroelectronics.
Flip Chip
24 bumps
A
B
C
D
E
1
2
3
4
5
O10
I10
O2
O4
O6
O8
I1
I3
I5
I7
I9
GND
GND
GND
O1
O3
O5
O7
O9
I2
I4
I6
I8
GND
Input
GND
GND
GND
Output
Low-pass Filter
Ri/o = 70
Cline = 30pF
Ω
www.st.com


Similar Part No. - EMIF10-LCD02F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF10-LCD02F3 STMICROELECTRONICS-EMIF10-LCD02F3 Datasheet
140Kb / 8P
10 line EMI filter and ESD protection for LCD and cameras
11-Jul-2005
More results

Similar Description - EMIF10-LCD02F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF10-LCD02F3 STMICROELECTRONICS-EMIF10-LCD02F3 Datasheet
140Kb / 8P
10 line EMI filter and ESD protection for LCD and cameras
11-Jul-2005
EMIF07-LCD02F3 STMICROELECTRONICS-EMIF07-LCD02F3 Datasheet
287Kb / 8P
7-line IPAD?? EMI filter and ESD protection for LCD and cameras
28-Apr-2008
EMIF01-TV01F3 STMICROELECTRONICS-EMIF01-TV01F3 Datasheet
181Kb / 8P
Single line IPAD, EMI filter and ESD protection
28-Apr-2008
EMIF02-MIC02F2 STMICROELECTRONICS-EMIF02-MIC02F2_08 Datasheet
110Kb / 8P
2-line IPAD, EMI filter and ESD protection
17-Apr-2008
EMIF09-SD01F3 STMICROELECTRONICS-EMIF09-SD01F3_08 Datasheet
375Kb / 9P
9-line IPAD, EMI filter and ESD protection
28-Apr-2008
EMIF10-LCD03F3 STMICROELECTRONICS-EMIF10-LCD03F3 Datasheet
335Kb / 7P
10-line IPAD, EMI filter and ESD protection
14-Apr-2008
EMIF01-TV02F3 STMICROELECTRONICS-EMIF01-TV02F3 Datasheet
170Kb / 7P
Single line IPAD?? EMI filter and ESD protection
06-Oct-2010
EMIF02-MIC06F3 STMICROELECTRONICS-EMIF02-MIC06F3 Datasheet
211Kb / 8P
2-line IPAD??EMI filter and ESD protection
23-Sep-2011
EMIF07-LCD02F3 STMICROELECTRONICS-EMIF07-LCD02F3_10 Datasheet
273Kb / 8P
7-line IPAD?? EMI filter and ESD protection for LCD and cameras
19-Feb-2010
EMIF10-LCD03F3 STMICROELECTRONICS-EMIF10-LCD03F3_10 Datasheet
278Kb / 7P
10-line IPAD?? EMI filter and ESD protection
19-Feb-2010
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com