| Electronic Components Datasheet Search |
|
L6722 Datasheet(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6722 Datasheet(HTML) 16 Page - STMicroelectronics |
|
16 / 34 page ![]() 6 Current sharing loop and current reading L6722 16/34 6 Current sharing loop and current reading L6722 embeds two separate Current-Reading circuitries used to perform Current-Sharing and OCP through ISENx pins and Voltage-Positioning through CS+ and CS- pins (See Section 7). Current-sharing control-loop and connections are reported in Figure 6: the current read through the ISENx pins is converted into a current IINFOx proportional to the current delivered by each phase and the information about the average current IAVG = ΣIINFOx / 3 is internally built into the device. The error between the read current IINFOx and the reference IAVG is then converted into a voltage that with a proper gain is used to adjust the duty cycle whose dominant value is set by the voltage error amplifier in order to equalize the current carried by each phase. The current flowing trough each phase is read using the voltage drop across the low-side mosfets RdsON or across a sense resistor in its series and it is internally converted into a current. The trans-conductance ratio is issued by the external resistor RISEN placed outside the chip between ISENx and the reading point (usually the LS mosfet Drain). The current sense circuit tracks the current information for a time TTRACK centered in the middle of the LS conduction time and holds the tracked information during the rest of the period. The current that flows from the ISENx pin is the current information used by the device to perform current sharing and OCP and it is given by: where RdsON is the ON resistance of the low side mosfet and RISEN is the trans-conductance resistor connected between the ISENx pins and the LS Drain; IPHASEx is the current carried by the relative phase and IINFOx is the current information signal reproduced internally. RISENx is designed according to the Over Current Protection: see Section 9.6 for details. Caution: Asymmetries in the RISENx values are allowed in order to create intentional current-unbalance so that one phase can carry higher currents or support different cooling. To increase the current in any of the phases, the value of the related RISEN can be slightly increased starting from the theoretical value extracted from the above reported relationships. Start from the coolest phase first to get the thermal balance. Figure 6. Current sharing loop and current reading connections I ISENx R dsON R ISEN ----------------- I PHASEx ⋅ I INFOx == I INFO1 PWM1 Out From EA I INFO2 I AVG PWM2 Out I INFO3 PWM3 Out AVG ISENx LGATEx I PHASEx R ISEN IISENx |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |