Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L6722 Datasheet(PDF) 31 Page - STMicroelectronics

Part # L6722
Description  3 Phase controller for DC/DC converters
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6722 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L6722 Datasheet HTML 26Page - STMicroelectronics L6722 Datasheet HTML 27Page - STMicroelectronics L6722 Datasheet HTML 28Page - STMicroelectronics L6722 Datasheet HTML 29Page - STMicroelectronics L6722 Datasheet HTML 30Page - STMicroelectronics L6722 Datasheet HTML 31Page - STMicroelectronics L6722 Datasheet HTML 32Page - STMicroelectronics L6722 Datasheet HTML 33Page - STMicroelectronics L6722 Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
L6722
12 Layout guidelines
31/34
Remote Sense Connection must be routed as parallel nets from the FBG/FBR pins to the load
in order to avoid the pick-up of any common mode noise. Connecting these pins in points far
from the load will cause a non-optimum load regulation, increasing output tolerance.
Locate current reading components close to the device. It's also important to minimize any
offset in the measurement and, to get a better precision, to connect the traces as close as
possible to the sensing elements.
Caution:
Boot capacitor extra charge. Systems that do not use Schottky diodes in parallel to the low-
side mosfet might show big negative spikes on the phase pin. This spike can be limited as well
as the positive spike but has an additional consequence: it causes the bootstrap capacitor to be
over-charged. This extra-charge can cause, in the worst case condition of maximum input
voltage and during particular transients, that boot-to-phase voltage overcomes the abs. max.
ratings also causing device failures. It is then suggested in this cases to limit this extra-charge
by:
–
adding a small resistor in series to the boot diode (one resistor can be enough for all
the three diodes if placed upstream the boot diode anode, see Figure 18)
–
using non-capacitive boot diodes (such as standard diodes).
Figure 18. Power connections and related connections layout (same for all phases).
L
CIN
VIN
UGATEx
PHASEx
LGATEx
PGNDx
LOAD
BOOTx
PHASEx
VCC
SGND
+Vcc
L
CIN
VIN
LOAD
To limit C
BOOT
Extra-Charge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com