Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AMIS-42670 Datasheet(PDF) 3 Page - AMI SEMICONDUCTOR

Part # AMIS-42670
Description  High-Speed CAN Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-42670 Datasheet(HTML) 3 Page - AMI SEMICONDUCTOR

  AMIS-42670 Datasheet HTML 1Page - AMI SEMICONDUCTOR AMIS-42670 Datasheet HTML 2Page - AMI SEMICONDUCTOR AMIS-42670 Datasheet HTML 3Page - AMI SEMICONDUCTOR AMIS-42670 Datasheet HTML 4Page - AMI SEMICONDUCTOR AMIS-42670 Datasheet HTML 5Page - AMI SEMICONDUCTOR AMIS-42670 Datasheet HTML 6Page - AMI SEMICONDUCTOR AMIS-42670 Datasheet HTML 7Page - AMI SEMICONDUCTOR AMIS-42670 Datasheet HTML 8Page - AMI SEMICONDUCTOR AMIS-42670 Datasheet HTML 9Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AMIS-42670 High-Speed CAN Transceiver
Data Sheet
For Long Networks
6.2 Pin Description
6.2.1. Pin Out (Top View)
Figure 3: Pin Configuration
5
6
7
8
1
2
3
4
TxD
RxD
S
VREF
GND
CANL
CANH
VCC
PC20070831.2
6.3 Pin Description
Table 2: Pin Out
Pin
Name
Description
1
TxD
Transmit data input; low input → dominant driver; internal pull-up current
2
GND
Ground
3
VCC
Supply voltage
4
RxD
Receive data output; dominant transmitter → low output
5
VREF
Reference voltage output
6
CANL
Low-level CAN bus line (low in dominant mode)
7
CANH
High-level CAN bus line (high in dominant mode)
8
S
Silent mode control input; internal pull-down current
3
AMI Semiconductor
– October 07, Rev. 1.0
www.amis.com Specifications subject to change without notice



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com