Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FLI8531 Datasheet(PDF) 1 Page - STMicroelectronics

Part # FLI8531
Description  Entry level LCD TV controller
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FLI8531 Datasheet(HTML) 1 Page - STMicroelectronics

  FLI8531 Datasheet HTML 1Page - STMicroelectronics FLI8531 Datasheet HTML 2Page - STMicroelectronics FLI8531 Datasheet HTML 3Page - STMicroelectronics FLI8531 Datasheet HTML 4Page - STMicroelectronics FLI8531 Datasheet HTML 5Page - STMicroelectronics FLI8531 Datasheet HTML 6Page - STMicroelectronics FLI8531 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
September 2008
Rev 1
1/7
7
FLI8531
Entry level LCD TV controller
Features
Integrated 3D video decoder
PIP applications
1080i MADi superior video quality
Flexible analog capture up to 1080p YPrPb or
135 MHz RGB
VBI signal processing including WST level 2.5
support
Flexible DDR memory interface
Faroudja® TrueLife™ video enhancer
Advanced Color Management (ACM-3D) and
Adaptive Contrast Control (ACC)
On-chip microprocessor
Bitmapped OSD controller
Package: 208 PQFP
Applications
LCD and PDP TV
DLP®, LCD, and LCOS front and rear
projection
Single
Channel
LVDS
Over 10
possible
-
Ain0-3
Output
Formatter
OSD
Controller
VBI Data
Processing
Analog
Front
End
DIP
Embedded
Micro
processor
IR I/
F
ADC
General
Purpose
I/O
DDR DRAM External
Memory (x16)
Serial Flash ROM
Interface
YPrPb/
RGB
SCART
16 bit
Audio Delay
I2S
in
I2S
out
Composite
Memory
Controller
3D Video
Decoder
S-Video
(Y/C)
2
nd Channel
Processing
www.st.com


Similar Part No. - FLI8531

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FLI8532 ETC-FLI8532 Datasheet
84Kb / 2P
Single-Chip LCD TV Controller
FLI8538 ETC-FLI8538 Datasheet
317Kb / 2P
Single-Chip Enhanced LCD TV Controller
More results

Similar Description - FLI8531

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB87P2020 FUJITSU-MB87P2020 Datasheet
3Mb / 356P
Colour LCD/CRT/TV Controller
logo
National Semiconductor ...
FPD48084 NSC-FPD48084 Datasheet
142Kb / 2P
LCD TV TFT-LCD Timing Controller with PPDS
logo
Epson Company
S1D13506 EPSON-S1D13506 Datasheet
5Mb / 696P
S1D13506 Color LCD/CRT/TV Controller
logo
List of Unclassifed Man...
FLI8532 ETC-FLI8532 Datasheet
84Kb / 2P
Single-Chip LCD TV Controller
FLI8538 ETC-FLI8538 Datasheet
317Kb / 2P
Single-Chip Enhanced LCD TV Controller
SED1336 ETC1-SED1336 Datasheet
52Kb / 12P
CMOS GRAPHIC LCD/TV CONTROLLER
logo
STMicroelectronics
FLI8541H STMICROELECTRONICS-FLI8541H Datasheet
131Kb / 7P
Entry level LCD TV controller with HDMI
05-Sep-2008
GM5621 STMICROELECTRONICS-GM5621 Datasheet
119Kb / 8P
Dual input LCD controller for entry level applications
09-Oct-2008
FLI30336-AC STMICROELECTRONICS-FLI30336-AC Datasheet
125Kb / 7P
Single-chip enhanced LCD TV controller
03-Nov-2008
logo
Texas Instruments
FPD80200 TI1-FPD80200_13 Datasheet
48Kb / 4P
LCD TV TFT-LCD Timing Controller
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com