Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FLI8531 Datasheet(PDF) 3 Page - STMicroelectronics

Part # FLI8531
Description  Entry level LCD TV controller
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FLI8531 Datasheet(HTML) 3 Page - STMicroelectronics

  FLI8531 Datasheet HTML 1Page - STMicroelectronics FLI8531 Datasheet HTML 2Page - STMicroelectronics FLI8531 Datasheet HTML 3Page - STMicroelectronics FLI8531 Datasheet HTML 4Page - STMicroelectronics FLI8531 Datasheet HTML 5Page - STMicroelectronics FLI8531 Datasheet HTML 6Page - STMicroelectronics FLI8531 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
FLI8531
Feature attributes
3/7
2
Feature attributes
Flexible digital and analog capture
– 13 configurable analog inputs
– Direct connection from tuner or connector to analog input pin
– Integrated anti-aliasing filter
– ADC capture up to 135 MHz RGB
– Full SCART support including RGB fast blank
– 1080p analog capture for YPbPr
– Support for triple 10-bit ADCs for better SNR
Integrated 3D video decoder
– Faroudja IntelliComb™ technology
– 3D adaptive comb filter for luma–chroma separation
– Supports Composite, S-Video, and Component (including High Definition) video
input signals
– Supports all analog TV broadcast video standards—NTSC (North America and
Japan), PAL (I, B, G, H, M, D, N), SECAM (D, K, L, B, G)
– Macrovision® and VCR trick mode support
VBI signal processing
– Multi-standard digital VBI dataslicer
– WST Teletext FastText page support access
– Support for WST level 2.5
– V-chip, VPS, Closed Captioning, XDS, CGMS, and WSS decode
Faroudja DCDI Cinema format conversion
– Low angle de-interlacing processing
– Per pixel Motion Adaptive De-interlacing (MADi) up to 1080i format
– Panoramic and anamorphic non-linear scaling
– Adaptive media display processing for 3:2 and 2:2 film content
– Adaptive 3D noise reduction
– Media noise reduction for MPEG inputs
On-chip microprocessor
– Integrated x186-based microprocessor with rich function library
– General Purpose Inputs/Outputs (GPIOs) available for managing system devices
(keypad, backlight, NVRAM, etc.)
– Advanced power control for low power stand-by mode
– 2-wire serial master bus interface for external device control
– SPI or LPC flash supported for code storage
Advanced bitmapped OSD controller
– 16 true color bitmap tiles with 1, 2, 4, and 8 bits per pixel
– Horizontal and vertical stretch of OSD menus
– Blinking, transparency, and blending



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com