Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STE2002 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STE2002
Description  81 x 128 single-chip LCD controller/driver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2002 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STE2002_06 Datasheet HTML 8Page - STMicroelectronics STE2002_06 Datasheet HTML 9Page - STMicroelectronics STE2002_06 Datasheet HTML 10Page - STMicroelectronics STE2002_06 Datasheet HTML 11Page - STMicroelectronics STE2002_06 Datasheet HTML 12Page - STMicroelectronics STE2002_06 Datasheet HTML 13Page - STMicroelectronics STE2002_06 Datasheet HTML 14Page - STMicroelectronics STE2002_06 Datasheet HTML 15Page - STMicroelectronics STE2002_06 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 61 page
background image
Display data RAM
STE2002
12/61
3
Display data RAM
The STE2002, provides an 104X128 bits Static RAM to store Display data. This is organized
into 13 (Bank0 to Bank12) banks with 128 Bytes. One of these banks (128 bits wide) can be
used for Icons. RAM access is accomplished in either one of the Bus Interfaces provided
(see below). Allowed addresses are X0 to X127 (Horizontal) and Y0 to Y12 (Vertical).
When writing to RAM, four addressing mode are provided:
• Normal Horizontal (MX=0 and V=0), having the column with address X= 0 located on the
left of the memory map. The X pointer is increased after each byte written. After the last
column address (X=X-Carriage), Y address pointer is set to jump to the following bank and
X restarts from X=0. (Fig. 6)
• Normal Vertical (MX=0 and V=1), having the column with address X= 0 located on the left
of the memory map. The Y pointer is increased after each byte written. After the last Y bank
address (Y=Y-Carriage), X address pointer is set to jump to next column and Y restarts from
Y=0 (Fig. 7).
• Mirrored Horizontal (MX=1 and V=0), having the column with address X= 0 located on the
right of the memory map. The X pointer is increased after each byte written. After the last
column address (X=X-Carriage), Y address pointer is set to jump to the next bank and X
restarts from X=0 (fig. 8).
• Mirrored Vertical (MX=1 and V=1), having the column with address X= 0 located on the
right of the memory map. The Y pointer is increased after each byte written. After the last Y
bank address (Y=Y-Carriage), the X pointer is set to jump to next column and Y restarts
from Y=0 (fig. 9).
After the last allowed address (X;Y)=(X-Carriage; Y-Carriage), the address pointers always
jump to the cell with address (X;Y) = (0;0) (Fi. 10, 11, 12 & 13).
Data bytes in the memory could have the MSB either on top (D0 = 0, Fig.14) or on the
bottom (D0=1, Fig. 15).
The STE2002 provides also means to alter the normal output addressing. A mirroring of the
Display along the X axis is enabled setting to a logic one MY bit.This function doesn't affect
the content of the memory RAM. It is only related to the visualization process.
When ICON MODE=1 the Icon Row is not mirrored with MY and is not scrolled. When ICON
Mode=0 the Icon Row is like the other graphic lines and is mirrored and scrolled.
Four are the multiplex ratio available when the partial display mode is disabled (MUX 33,
MUX 49, MUX 65 and MUX 81).
Only a subset of writable rows are output on Row drivers.
When Y-Carriage<MUX/8, if Mux 65 is selected only the first 65 memory rows are
visualized, if Mux 49 is selected only the first 49 memory rows are visualized, if Mux 33 is
selected only the first 33 memory rows are visualized. All unused Row and Column drivers
must be left floating.
When Y-Carriage<MUX/8, the icon Bank is located to BANK 10 in MUX 81 Mode, to
BANK8 in MUX 65 Mode, to BANK 6 in MUX 49 Mode and to BANK 4 in MUX 33 Mode.
When Y-Carriage>MUX/8 lines only 33, 49, 65 or 81 lines are visualized but it is possible to
select which lines of DDRAM are connected on the output drivers. The DDRAM rows to
visualized can be selected in the 0-Y-Carriage*8 range using the scrolling function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com