Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STE2002 Datasheet(PDF) 31 Page - STMicroelectronics

Part # STE2002
Description  81 x 128 single-chip LCD controller/driver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2002 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STE2002_06 Datasheet HTML 27Page - STMicroelectronics STE2002_06 Datasheet HTML 28Page - STMicroelectronics STE2002_06 Datasheet HTML 29Page - STMicroelectronics STE2002_06 Datasheet HTML 30Page - STMicroelectronics STE2002_06 Datasheet HTML 31Page - STMicroelectronics STE2002_06 Datasheet HTML 32Page - STMicroelectronics STE2002_06 Datasheet HTML 33Page - STMicroelectronics STE2002_06 Datasheet HTML 34Page - STMicroelectronics STE2002_06 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 61 page
background image
STE2002
Bus interfaces
31/61
Table 11.
Extended instruction set
Instruction
D/C
R/W
B7
B6
B5
B4
B3
B2
B1
B0
Description
H independent instructions
NOP
0
0
0
000
00
0
0
Read I2C Address
(with Serial
Interface only)
Function Set
0
0
0
0
1
MX
MY
PD
H[1]
H[0]
Power Down
Management; Entry
Mode; Extended
Instruction Set
Read Status
Byte
0
1
PD
0
0
D
E
MX
MY
DO
(I2C interface only)
Write Data
1
0
D7
D6
D5
D4
D3
D2
D1
D0
Writes data to RAM
H=[0;0] RAM commands
Memory
Blank
0
0
0
000
00
0
1
Starts Memory
Blank Procedure
Scroll
0
0
0
000
00
1
DIR
Scrolls by one Row
UP or DOWN
VLCD Range
Setting
0
0
0
0
0
0
0
1
PRS[1]
PRS[0]
VLDC programming
range selection
Display
Control
0
0
0
000
1
D
0
E
Select Display
Configuration
Set CP Factor
0
0
0
0
0
1
0
S2
S1
S0
Charge Pump
Multiplication factor
Set RAM Y
0
0
0
1
0
0
Y3
Y2
Y1
Y0
Set Horizontal (Y)
RAM Address
Set RAM X
0
0
1
X6X5X4
X3X2
X1
X0
Set Vertical (X)
RAM Address
H=[0;1]
Checker
Board
0
0
0
000
00
0
1
Starts Checker
Board Procedure
0
0
0
000
00
1
V
Vertical Addressing
Mode
TC Select
0
0
0
000
01
TC1
TC0
Set Temperature
Coefficient for VLDC
Data Format
0
0
0
0
0
0
1
DO
0
0
MSB Position
Bias Ratios
0
0
0
0
0
1
0
BS2
BS1
BS0
Set desired Bias
Ratios
0
0
0
1
X
X
X
X
X
X
Reserved
Set VOP
0
0
1
OP6
OP5
OP4
OP3
OP2
OP1
OP0
VOP register Write
instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com