Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

EVALVIPER17L-7W Datasheet(PDF) 1 Page - STMicroelectronics

Part # EVALVIPER17L-7W
Description  Demonstration board on 7 W single output based on the VIPer17
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVALVIPER17L-7W Datasheet(HTML) 1 Page - STMicroelectronics

  EVALVIPER17L-7W Datasheet HTML 1Page - STMicroelectronics EVALVIPER17L-7W Datasheet HTML 2Page - STMicroelectronics EVALVIPER17L-7W Datasheet HTML 3Page - STMicroelectronics EVALVIPER17L-7W Datasheet HTML 4Page - STMicroelectronics EVALVIPER17L-7W Datasheet HTML 5Page - STMicroelectronics EVALVIPER17L-7W Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
June 2008
Rev 1
1/6
6
EVALVIPER17L-7W
Demonstration board on 7 W single output
based on the VIPer17
Features
■ Current mode with user set drain current
limitation
■ Frequency jittering
■ EMI regulation compliant
■ Low stand by consumption
■ High efficiency conversion
■ Over-load / output short circuit protection
■ Transformer saturation and secondary winding
short circuit protection (2nd OCP)
■ Output over-voltage protection (optional)
■ Brown out protection (optional)
Description
The new VIPer17 device integrates in the same
package two components: an advanced PWM
controller built in BCD6 technology and an 800 V
avalanche rugged vertical power MOSFET. The
device is suitable for off line power converter
operating both, with wide range input voltage (85
VAC - 270 VAC) up to 7 W or with single range
input voltage (85 VAC - 132 VAC or 175 VAC - 265
VAC). With European range input voltage (175
VAC - 265 VAC) the device can handle up to 10 W
of output power. The proposed solution has the
advantage of using few external components
compared to a discrete solution, providing several
switch mode power supply's protections and very
low stand by consumption in no load condition.
VIPer17 device operates at fixed frequency that
can be 115 kHz or 60 kHz according to the part
number selected. Frequency jittering is
implemented and it helps to meet the standards
regarding electromagnetic disturbance The
several protections present on the device like:
overload, output short circuit, secondary winding
short, hard transformer saturation protection and
brown out protections, improve the reliability and
safety of the design. More over internal thermal
shut down and an 800 V avalanche rugged power
MOSFET improve the robustness of the system.
The present demonstration board is a standard
one output isolated fly-back converter that uses
all the protections above mentioned. If not
necessary brown out protection and over-voltage
protection could be not used reducing the number
of external comp furthermore.
EVALVIPER17L-7W
www.st.com


Similar Part No. - EVALVIPER17L-7W

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-1CH2CHSOICEBZ AD-EVAL-1CH2CHSOICEBZ Datasheet
328Kb / 8P
Access to 2 data channels
Rev. 0
logo
Infineon Technologies A...
EVAL-1ED3121MX12H INFINEON-EVAL-1ED3121MX12H Datasheet
450Kb / 20P
EiceDRIVER??1ED31xxMU12H Compact
v2.1 2021-03-01
EVAL-1ED3122MX12H INFINEON-EVAL-1ED3122MX12H Datasheet
450Kb / 20P
EiceDRIVER??1ED31xxMU12H Compact
v2.1 2021-03-01
EVAL-1ED3124MX12H INFINEON-EVAL-1ED3124MX12H Datasheet
450Kb / 20P
EiceDRIVER??1ED31xxMU12H Compact
v2.1 2021-03-01
EVAL-1ED3142MC12H-SIC INFINEON-EVAL-1ED3142MC12H-SIC Datasheet
2Mb / 51P
Single-channel isolated gate driver IC
2.0 2024-10-04
More results

Similar Description - EVALVIPER17L-7W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-MKI077V1 STMICROELECTRONICS-STEVAL-MKI077V1 Datasheet
117Kb / 4P
MEMS: demonstration board based on the LPR4150AL
16-Jun-2010
EVLVIP37LE5V3A STMICROELECTRONICS-EVLVIP37LE5V3A Datasheet
243Kb / 6P
Wide range single-output demonstration board based on the VIPER37LE
16-May-2012
STEVAL-ISA058V1 STMICROELECTRONICS-STEVAL-ISA058V1 Datasheet
215Kb / 4P
5 W single output SMPS demonstration board based on the VIPer17 off-line high voltage converter
26-Aug-2009
STEVAL-ISA062V1 STMICROELECTRONICS-STEVAL-ISA062V1 Datasheet
259Kb / 4P
6 W dual output SMPS demonstration board based on the VIPER17
11-Jun-2009
STEVAL-ISA062V1 STMICROELECTRONICS-STEVAL-ISA062V1 Datasheet
259Kb / 4P
6 W dual output SMPS demonstration board based on the VIPER17
11-Jun-2009
STEVAL-ISV009V1 STMICROELECTRONICS-STEVAL-ISV009V1 Datasheet
104Kb / 4P
300 W photovoltaic converter demonstration board based on the SPV1020
08-Aug-2011
AN2753 STMICROELECTRONICS-AN2753 Datasheet
1Mb / 31P
6 W single-output VIPer17 demonstration board
19-Oct-2009
AN2840 STMICROELECTRONICS-AN2840 Datasheet
657Kb / 19P
charger demonstration board based on the VIPER17HN
09-Dec-2008
STEVAL-ISA111V1 STMICROELECTRONICS-STEVAL-ISA111V1 Datasheet
809Kb / 9P
Wide-range single-output demonstration board based on the VIPER26HN
10-Dec-2012
STEVAL-ISA113V1 STMICROELECTRONICS-STEVAL-ISA113V1 Datasheet
1Mb / 11P
Wide range single-output demonstration board based on the VIPER06HS
10-Jan-2013
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com