Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

EVALVIPER17L-7W Datasheet(PDF) 3 Page - STMicroelectronics

Part # EVALVIPER17L-7W
Description  Demonstration board on 7 W single output based on the VIPer17
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVALVIPER17L-7W Datasheet(HTML) 3 Page - STMicroelectronics

  EVALVIPER17L-7W Datasheet HTML 1Page - STMicroelectronics EVALVIPER17L-7W Datasheet HTML 2Page - STMicroelectronics EVALVIPER17L-7W Datasheet HTML 3Page - STMicroelectronics EVALVIPER17L-7W Datasheet HTML 4Page - STMicroelectronics EVALVIPER17L-7W Datasheet HTML 5Page - STMicroelectronics EVALVIPER17L-7W Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
EVALVIPER17L-7W
Bill of material
3/6
Appendix A
Bill of material
Table 2.
BOM list
Item
Qty.
Reference
Description
Part/value
1
1
BR1
600 V 1 A diodes bridge
DF06M
2
1
C1
100 nF X2 capacitor
100 nF x2 B32922
3
2
C2, C3
450V 10
µF electrolytic capacitor
450YXA10M12.5x20
4
1
C4
35 V 22
µF electrolytic capacitor
NRSA220M35V5x11
TR
5
1
C5
Not mounted
Not mounted
6
1
C6
25 V ceramic capacitor
1.8 nF
7
2
C7
25 V ceramic capacitor
33 nF
8
1
C8
Y1 2.2 nF capacitor
Series 440L
9
1
C9
470
µF 25V electrolytic capacitor
Serie ZL 25 V 470
µF
10X16
10
1
C10
25 V 47
µF electrolytic capacitor
rubycon ZLG
50 V 4.7
µF YK
C11
25 V ceramic capacitor
330 nF
11
1
C12
10 nF
12
1
D1
Diode
BAT46
13
1
D2
Diode
1N4148
14
1
D3
Diode
STTH1L06
15
1
D4
Diode
STPS2H100
16
1
D5
Transil
P6KE250
17
1
F1
Fuse
TR5 250 V 500 mA
(fuse)
18
2
J1,J2
Two screw connectors
PK3502
19
1
J3
3 Pin jumper (strip line)
Jumper
20
1
L1
10
µH 1 A inductor
ELC09D100E
21
1
NTC1
10 Ohm NTC
B57153S0100M000
22
1
OPTO1
Opto coupler
PC817
23
1
R1
10 Ohm resistor
1/4 W resistor
24
2
R2,R4
1600 k
Ω 1% 1/4 W resistor
1% precision 1/4 W
25
1
R3
68 k
Ω resistor
1% precision 1/4 W
26
1
R5
22 k
Ω 1% 1/4 W resistor
1% precision 1/4 W
27
1
R6
1 k
Ω resistor
1/4 W
28
1
R8
15 k
Ω 1% 1/4 W resistor
1% precision 1/4W



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com