Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M66255FP Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # M66255FP
Description  819210-Bit Line Memory (FIFO)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66255FP Datasheet(HTML) 5 Page - Renesas Technology Corp

  M66255FP Datasheet HTML 1Page - Renesas Technology Corp M66255FP Datasheet HTML 2Page - Renesas Technology Corp M66255FP Datasheet HTML 3Page - Renesas Technology Corp M66255FP Datasheet HTML 4Page - Renesas Technology Corp M66255FP Datasheet HTML 5Page - Renesas Technology Corp M66255FP Datasheet HTML 6Page - Renesas Technology Corp M66255FP Datasheet HTML 7Page - Renesas Technology Corp M66255FP Datasheet HTML 8Page - Renesas Technology Corp M66255FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
M66255FP
REJ03F0249-0200 Rev.2.00 Sep 14, 2007
Page 5 of 13
Test Circuit
CL = 30 pF: tAC, tOH
Qn
CL = 5 pF: tOEN, tODIS
SW1
SW2
RL = 1 kΩ
RL = 1 kΩ
VCC
Qn
Input pulse level:
0 to 3 V
Input pulse rise/fall time: 3 ns
Decision voltage input:
1.3 V
Decision voltage output:
1.3 V (However, tODIS (LZ) is 10% of output amplitude and tODIS (HZ) is 90% of that for
decision)
The load capacitance CL includes the floating capacitance of connection and the input capacitance of probe.
Parameter
SW1
SW2
tODIS (LZ)
Closed
Open
tODIS (HZ)
Open
Closed
tOEN (ZL)
Closed
Open
tOEN (ZH)
Open
Closed
tODIS/tOEN Test Condition
RCK
RE
Qn
Qn
VOL
VOH
GND
3 V
GND
3 V
1.3 V
1.3 V
1.3 V
1.3 V
90%
10%
tOEN (ZH)
tOEN (ZL)
tODIS (HZ)
tODIS (LZ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com