Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M66255FP Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # M66255FP
Description  819210-Bit Line Memory (FIFO)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66255FP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button M66255FP Datasheet HTML 6Page - Renesas Technology Corp M66255FP Datasheet HTML 7Page - Renesas Technology Corp M66255FP Datasheet HTML 8Page - Renesas Technology Corp M66255FP Datasheet HTML 9Page - Renesas Technology Corp M66255FP Datasheet HTML 10Page - Renesas Technology Corp M66255FP Datasheet HTML 11Page - Renesas Technology Corp M66255FP Datasheet HTML 12Page - Renesas Technology Corp M66255FP Datasheet HTML 13Page - Renesas Technology Corp M66255FP Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
M66255FP
REJ03F0249-0200 Rev.2.00 Sep 14, 2007
Page 13 of 13
Package Dimensions
bp
A1
HE
y
0.15
e
1.27
c
10°
L
0.8
1.0
1.2
0.05
A
2.4
11.63 11.93 12.23
A2
2.0
E
8.2
8.4
8.6
D
17.3
17.5
17.7
Reference
Symbol
Dimension in Millimeters
Min
Nom Max
0.35
0.4
0.5
0.13
0.15
0.2
P-SOP28-8.4x17.5-1.27
0.6g
MASS[Typ.]
28P2W-C
PRSP0028DB-B
RENESAS Code
JEITA Package Code
Previous Code
1.07
1.47
y
Index mark
28
15
14
1
*2
*3
F
D
e
bp
c
Detail F
A2
A1
INCLUDE TRIM OFFSET.
DIMENSION "*3" DOES NOT
NOTE)
DO NOT INCLUDE MOLD FLASH.
DIMENSIONS "*1" AND "*2"
1.
2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com