Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

4551 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # 4551
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for INFRARED REMOTE CONTROL TRANSMITTER
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4551 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button 4551 Datasheet HTML 17Page - Renesas Technology Corp 4551 Datasheet HTML 18Page - Renesas Technology Corp 4551 Datasheet HTML 19Page - Renesas Technology Corp 4551 Datasheet HTML 20Page - Renesas Technology Corp 4551 Datasheet HTML 21Page - Renesas Technology Corp 4551 Datasheet HTML 22Page - Renesas Technology Corp 4551 Datasheet HTML 23Page - Renesas Technology Corp 4551 Datasheet HTML 24Page - Renesas Technology Corp 4551 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 69 page
background image
20
MITSUBISHI MICROCOMPUTERS
4551 Group
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for
INFRARED REMOTE CONTROL TRANSMITTER
Table 10 Timer control registers
Prescaler control bit
Prescaler dividing ratio selection bit
Timer 1 count source selection bits
Timer control register W1
W13
W12
W11
W10
at reset : 00002
at power down : 00002
0
1
0
1
R/W
Stop (prescaler state initialized)
Operating
Instruction clock (INSTCK) divided by 4
Instruction clock (INSTCK) divided by 8
Count source
Prescaler output (ORCLK)
Carrier output (CARRY)
Carrier output divided by 2 (CARRY/2)
W11
0
0
1
1
W10
0
1
0
1
Timer control register W2
at reset : 10002
at power down : – – – 02
R/W
0
1
f(XCIN)
Prescaler output (ORCLK)
W23
W22
W21
W20
Timer 2 count source selection bit
Timer 2 count value selection bits
Timer 1 control bit
W22
0
0
1
1
W21
0
1
0
1
Count source
Underflow occur every 214 count
Underflow occur every 213 count
Not available
Not available
Stop (timer 1 state retained)
Operating
0
1
Timer control register W3
at reset : 002
at power down : state retained
R/W
0
1
0
1
Bit 3 of timer 2 is output (timer 2 count source divided by 16)
State clock (STCK)
Stop (timer LC state retained)
Operating
W31
W30
Timer LC count source selection bit
Timer LC control bit
Note: “R” represents read enabled, and “W” represents write enabled.
“–” represents state retained.
(1) Timer control registers
q Timer control register W1
Register W1 controls the count source of timer 1, the
frequency dividing ratio and count operation of prescaler.
Set the contents of this register through register A with
the TW1A instruction. The TAW1 instruction can be used
to transfer the contents of register W1 to register A.
q Timer control register W2
Register W2 controls the count operation of timer 1 and
count operation and count source of timer 2. Set the
contents of this register through register A with the TW2A
instruction. The TAW2 instruction can be used to transfer
the contents of register W2 to register A.
q Timer control register W3
Register W3 controls the count operation and count source
of timer LC. Set the contents of this register through
register A with the TW3A instruction. The TAW3 instruction
can be used to transfer the contents of register W3 to
register A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com