Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

4551 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # 4551
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for INFRARED REMOTE CONTROL TRANSMITTER
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4551 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button 4551 Datasheet HTML 25Page - Renesas Technology Corp 4551 Datasheet HTML 26Page - Renesas Technology Corp 4551 Datasheet HTML 27Page - Renesas Technology Corp 4551 Datasheet HTML 28Page - Renesas Technology Corp 4551 Datasheet HTML 29Page - Renesas Technology Corp 4551 Datasheet HTML 30Page - Renesas Technology Corp 4551 Datasheet HTML 31Page - Renesas Technology Corp 4551 Datasheet HTML 32Page - Renesas Technology Corp 4551 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 69 page
background image
28
MITSUBISHI MICROCOMPUTERS
4551 Group
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for
INFRARED REMOTE CONTROL TRANSMITTER
(3) LCD RAM
RAM contains areas corresponding to the liquid crystal display.
When “1” is written to this LCD RAM, the display pixel
corresponding to the bit is automatically displayed.
(4) LCD drive waveform
When “1” is written to a bit in the LCD RAM data, the voltage
difference between common pin and segment pin which
correspond to the bit automatically becomes lVLC3l and the
display pixel at the cross section turns on.
When returning from reset, and in the RAM back-up mode, a
display pixel turns off because every segment output pin and
common output pin becomes VLC3 level (=VDD).
Fig. 26 LCD RAM map
Table 13 LCD control registers
Not used
LCD on/off bit
LCD duty and bias selection bits
LCD control register L1
L13
L12
L11
L10
at reset : 00002
at power down : state retained
0
1
0
1
R/W
This bit has no function, but read/write is enabled
Off
On
Not available
L11
0
0
1
1
L10
0
1
0
1
Duty
1/2
1/3
1/4
Bias
1/2
1/3
1/3
LCD control register L2
at reset : 11112
at power down : state retained
W
0
1
0
1
0
1
0
1
SEG19
P23
SEG18
P22
SEG17
P21
SEG16
P20
L23
L22
L21
L20
P23/SEG19 pin function switch bit
P22/SEG18 pin function switch bit
P21/SEG17 pin function switch bit
P20/SEG16 pin function switch bit
Note: “R” represents read enabled, and “W” represents write enabled.
Z
X
Y
Bit
8
9
10
11
12
13
14
15
COM
1
01
2
3
21
0
3
21
0
3
21
0
SEG1
SEG2
SEG3
SEG4
SEG5
SEG6
SEG7
COM3
SEG1
SEG2
SEG3
SEG4
SEG5
SEG6
SEG7
COM2
SEG1
SEG2
SEG3
SEG4
SEG5
SEG6
SEG7
COM1
SEG1
SEG2
SEG3
SEG4
SEG5
SEG6
SEG7
COM0
SEG9
SEG10
SEG11
SEG12
SEG13
SEG14
SEG15
COM3 COM2 COM1 COM0 COM3 COM2 COM1 COM0
SEG9
SEG10
SEG11
SEG12
SEG13
SEG14
SEG15
SEG9
SEG10
SEG11
SEG12
SEG13
SEG14
SEG15
SEG0 SEG0
SEG0
SEG0 SEG8
SEG17
SEG18
SEG19
SEG16
SEG8
SEG8 SEG8
SEG9
SEG10
SEG11
SEG12
SEG13
SEG14
SEG15
SEG17
SEG18
SEG19
SEG16
SEG17
SEG18
SEG19
SEG16
SEG17
SEG18
SEG19
SEG16
Note: The area marked “
” is not the LCD display RAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com