Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FS2KMJ-3 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # FS2KMJ-3
Description  MITSUBISHI Nch POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FS2KMJ-3 Datasheet(HTML) 4 Page - Renesas Technology Corp

  FS2KMJ-3 Datasheet HTML 1Page - Renesas Technology Corp FS2KMJ-3 Datasheet HTML 2Page - Renesas Technology Corp FS2KMJ-3 Datasheet HTML 3Page - Renesas Technology Corp FS2KMJ-3 Datasheet HTML 4Page - Renesas Technology Corp FS2KMJ-3 Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Feb.1999
MITSUBISHI Nch POWER MOSFET
FS2KMJ-3
HIGH-SPEED SWITCHING USE
101
3
5
7
102
2
3
5
7
103
2
3
2
5
7
100 2101
35 7
35 7
2
102
35 7
2 3
2
Ciss
Coss
Crss
Tch = 25
°C
VGS = 0V
f = 1MHZ
100
101
2
3
5
7
102
2
3
5
7
103
2
3
5
7
10–1
100
23 4 5 7
101
23 4 5 7
td(off)
td(on)
tr
Tch = 25
°C
VDD = 80V
VGS = 10V
RGEN = RGS = 50
Ω
tf
ON-STATE VOLTAGE VS.
GATE-SOURCE VOLTAGE
(TYPICAL)
GATE-SOURCE VOLTAGE VGS (V)
ON-STATE RESISTANCE VS.
DRAIN CURRENT
(TYPICAL)
DRAIN CURRENT ID (A)
TRANSFER CHARACTERISTICS
(TYPICAL)
GATE-SOURCE VOLTAGE VGS (V)
FORWARD TRANSFER ADMITTANCE
VS.DRAIN CURRENT
(TYPICAL)
DRAIN CURRENT ID (A)
SWITCHING CHARACTERISTICS
(TYPICAL)
DRAIN-SOURCE VOLTAGE VDS (V)
CAPACITANCE VS.
DRAIN-SOURCE VOLTAGE
(TYPICAL)
DRAIN CURRENT ID (A)
10–1
100
23 4 5 7
101
23 4 5 7
10–1
100
2
3
4
5
7
101
2
3
4
5
7
TC = 25
°C
75
°C
125
°C
VDS = 5V
Pulse Test
0
1.0
2.0
3.0
4.0
5.0
02468
10
ID = 3A
2A
1A
Tc = 25
°C
Pulse Test
0
2
4
6
8
10
02468
10
Tc = 25
°C
VDS = 10V
Pulse Test
0
0.2
0.4
0.6
0.8
1.0
10–2 210–1
35 7
2
100
35 7
2
101
35 7
VGS = 4V
10V
Tc = 25
°C
Pulse Test



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com